Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3635 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MC3635
Description  Axis Accelerometer
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC3635 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MC3635 Datasheet HTML 4Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC3635 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
MC3635 3-Axis Accelerometer
Preliminary Datasheet
mCube Proprietary
APS-048-0044v1.2
8 / 81
© 2015 mCube Inc. All rights reserved.
3.2 Package Orientation
Direction of
Earth gravity
acceleration
XOUT = -1g
YOUT = 0g
ZOUT = 0g
XOUT = +1g
YOUT = 0g
ZOUT = 0g
XOUT = 0g
YOUT = -1g
ZOUT = 0g
XOUT = 0g
YOUT = +1g
ZOUT = 0g
XOUT = 0g
YOUT = 0g
ZOUT = +1g
XOUT = 0g
YOUT = 0g
ZOUT = -1g
Top View
Side View
Pin 1
Top
a.
b.
c.
d.
e.
f.
Figure 3. Package Orientation
-X
+X
+Y
-Y
+Z
-Z
Figure 4. Package Axis Reference


Similar Part No. - MC3635

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
   3-Axis Accelerometer
APS-048-0044 v1.9
More results

Similar Description - MC3635

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC3430 ETC2-MC3430 Datasheet
1Mb / 79P
   Axis Accelerometer
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com