Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK2U150 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SK2U150
Description  Optimized for power conversion: welding and industrial SMPS applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SK2U150 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SK2U150 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK2U150 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK2U150 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK2U150 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1640, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SK2U150-400
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
(per leg) *
VF1
@ 75A, Pulse, TJ = 25 °C
1.00
1.1
V
VF2
@ 75A, Pulse, TJ = 125 °C
0.80
0.9
V
Reverse Current (per leg) *
IR1
@VR = rated VR
TJ = 25 °C
0.01
50
μA
IR2
@VR = rated VR
TJ = 125 °C
1.02
5
mA
Reverse recovery time
Trr
IF=500mA, IR=1A, Irm=250mA,
TJ = 25
°C
73
150
nS
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
°C
Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
0.70
K/W
Typical Approximate Weight
wt
-
30
g
Case Style
SOT-227


Similar Part No. - SK2U150

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SK2U200 SMC-SK2U200 Datasheet
170Kb / 4P
   Ultrafast, soft reverse recovery, with high operation junction temperature
SK2U200-400 SMC-SK2U200-400 Datasheet
170Kb / 4P
   Ultrafast, soft reverse recovery, with high operation junction temperature
SK2U240 SMC-SK2U240 Datasheet
278Kb / 4P
   All SMC parts are traceable to the wafer lot
SK2U240-200 SMC-SK2U240-200 Datasheet
278Kb / 4P
   All SMC parts are traceable to the wafer lot
logo
Tripp Lite. All Rights ...
SK2UTRAVAM TRIPPLITE-SK2UTRAVAM Datasheet
178Kb / 3P
   Safe-IT 2-Outlet Universal Travel Charger - 5-15R Outlets, 2 USB Ports, Direct Plug-In with 5 Plug Options, Antimicrobial Protection
More results

Similar Description - SK2U150

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
STMicroelectronics
STLUX385A STMICROELECTRONICS-STLUX385A Datasheet
2Mb / 99P
   Digital controller for lighting and power conversion applications
logo
Texas Instruments
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16325Q5 TI1-CSD16325Q5_10 Datasheet
445Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com