Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M312L6423ETS Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M312L6423ETS
Description  DDR SDRAM Registered Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M312L6423ETS Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M312L6423ETS Datasheet HTML 4Page - Samsung semiconductor M312L6423ETS Datasheet HTML 5Page - Samsung semiconductor M312L6423ETS Datasheet HTML 6Page - Samsung semiconductor M312L6423ETS Datasheet HTML 7Page - Samsung semiconductor M312L6423ETS Datasheet HTML 8Page - Samsung semiconductor M312L6423ETS Datasheet HTML 9Page - Samsung semiconductor M312L6423ETS Datasheet HTML 10Page - Samsung semiconductor M312L6423ETS Datasheet HTML 11Page - Samsung semiconductor M312L6423ETS Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DDR SDRAM
256MB, 512MB, 1GB Registered DIMM
Revision 1.4 February, 2004
1GB, 128M x 72 ECC Module [M383(12)L2828ET1(0)] (Populated as 2 bank of x4 DDR SDRAM Module)
Functional Block Diagram
RA0 - RA12
A0-An: SDRAMs D0 - D35
RAS: SDRAMs D0 - D35
RCAS
CAS: SDRAMs D0 - D35
RCKE1
CKE: SDRAMs D18 - D35
PCK
WE: SDRAMs D0 - D35
RCKE0
RBA0 - RBAn
BA0-BAn: SDRAMs D0 - D35
RAS
CAS
CKE0
CKE1
RCS1
CS1
BA0-BAN
A0-A13
R
E
G
I
S
T
E
R
RRAS
RWE
CS0
RCS0
WE
PCK
RESET
CKE: SDRAMs D0 - D17
PLL
CK0,CK0
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
VSS
D0 - D35
D0 - D35
VDD/VDDQ
D0 - D35
D0 - D35
VREF
VDDSPD
SPD
Notes:
1. DQ-to-I/O wiring is shown as recommended but may be changed.
2. DQ/DQS/DM/CKE/CS relationships must be maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms.
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQS0
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM0/DQS9
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM2/DQS11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM3/DQS12
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM4/DQS13
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM5/DQS14
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM7/DQS16
RS0
RS1
DQS4
DQS1
DQS5
DQS2
DQS3
DM6/DQS15
DQS6
DQS7
DQ15
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D0
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D1
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D2
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D3
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D4
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D5
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D6
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D7
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D9
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D10
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D11
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D12
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D13
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D14
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D15
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D16
S
DM
DM1/DQS10
VSS
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D18
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D19
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D20
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D21
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D22
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D23
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D24
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D25
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D27
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D28
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D29
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D30
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D31
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D32
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D33
S
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D34
S
DM
CB0
CB1
CB2
CB3
DQS8
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D8
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D26
S
DM
CB4
CB5
CB6
CB7
DM8/DQS17
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D17
S
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D35
S
DM


Similar Part No. - M312L6423ETS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L6420HUS SAMSUNG-M312L6420HUS Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
M312L6420JUS SAMSUNG-M312L6420JUS Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
More results

Similar Description - M312L6423ETS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L2920BG0 SAMSUNG-M312L2920BG0 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M312L2920BT SAMSUNG-M312L2920BT Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
White Electronic Design...
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com