Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF2472 Datasheet(PDF) 3 Page - Riedon Powertron

Part # PF2472
Description  TO-247 Power Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF2472 Datasheet(HTML) 3 Page - Riedon Powertron

  PF2472 Datasheet HTML 1Page - Riedon Powertron PF2472 Datasheet HTML 2Page - Riedon Powertron PF2472 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/16
Pulse Peak Power (W)
10n 100n 1u
10u 100u 1m 10m 100m 1
10
1000k
100k
10k
1k
PF2472_10ohm-1%
Pulse Energy Durability
1100W
100W
Tentative continuous-pulse power allowance at
duty 0.01. Load life test will be necessary in
actual equipment, Because curve will be changed
by resistance, repetition, duty and operating
temperature. Dotted shows estimation.
100
10
Pulse Peak Power (W)
10n 100n 1u
10u 100u 1m 10m 100m 1
10
1000k
100k
10k
1k
PF2473_10ohm-1%
Pulse Energy Durability
1300W
140W
Tentative continuous-pulse power allowance at
duty 0.01. Load life test will be necessary in
actual equipment, Because curve will be changed
by resistance, repetition, duty and operating
temperature. Dotted shows estimation.
100
10


Similar Part No. - PF2472

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2472 RIEDON-PF2472 Datasheet
222Kb / 2P
   TO-247 Power Film Resistors
PF2472 RIEDON-PF2472 Datasheet
206Kb / 2P
   TO-247 Power Thin Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R2F1 RIEDON-PF2472-0R2F1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
More results

Similar Description - PF2472

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
   TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R2F1 RIEDON-PF2472-0R2F1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2470 RIEDON-PF2470_13 Datasheet
206Kb / 2P
   TO-247 Power Thin Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Token Electronics Indus...
RMG100DTD0R1 TOKEN-RMG100DTD0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
   140W TO-247 HIGH POWER RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com