Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM-20688MD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BM-20688MD
Description  LED DOT MATRIX DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BM-20688MD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BM-20688MD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single Color 8x8 Dot Matrix Displays
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Column
Common
Anode
Column
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BM-20288MD
BM-20288ND
GaP/ GaP/ Yellow Green
568
30
80
30
150
2.1
2.5
12.0
BM-20488MD
BM-20488ND
GaAsP/GaP/ Hi-Eff.Red
635
45
80
30
150
2.0
2.5
12.0
BM-20488MA
BM-20488NA
GaAsP/GaP/ Hi-Eff.Red
635
45
80
30
150
2.0
2.5
17.0
BM-20688MD
BM-20688ND
GaAlAs/ SH/ Super Red
660
20
80
30
150
1.7
2.5
17.0
BM-20688MA
BM-20688NA
GaAlAs/ SH/ Super Red
660
20
80
30
150 1.7
2.5
21.0
BM-20F88MD
BM-20F88ND
GaAlAs/ DDH/ Super Red
660
20
80
30
150
2.0
2.5
23.0
BM-20J88MD
BM-20J88ND
AlGaInP/GaAs/ Ultra Orange
620
17
80
30
150
2.0
2.5
25.0
2.30
High
5.0
BM-20K88MD
BM-20K88ND
AlGaInP/GaAs/ Ultra Yellow
592
15
80
30
150
2.1
2.5
25.0
DM-21
BM-21288MD
BM-21288ND
GaP/ GaP/ Yellow Green
568
30
80
30
150
2.1
2.5
12.0
BM-21488MD
BM-21488ND
GaAsP/GaP/ Hi-Eff.Red
635
45
80
30
150
2.0
2.5
12.0
BM-21488MA
BM-21488NA
GaAsP/GaP/ Hi-Eff.Red
635
45
80
30
150
2.0
2.5
17.0
BM-21688MD
BM-21688ND
GaAlAs/ SH/ Super Red
660
20
80
30
150
1.7
2.5
17.0
BM-21688MA
BM-21688NA
GaAlAs/ SH/ Super Red
660
20
80
30
150 1.7
2.5
21.0
BM-21F88MD
BM-21F88ND
GaAlAs/ DDH/ Super Red
660
20
80
30
150
2.0
2.5
23.0
BM-21J88MD
BM-21J88ND
AlGaInP/GaAs/ Ultra Orange
620
17
80
30
150
2.0
2.5
25.0
2.3
High
6.1x6.1
BM-21K88MD
BM-21K88ND
AlGaInP/GaAs/ Ultra Yellow
592
15
80
30
150
2.1
2.5
25.0
DM-22
DM-21
BM-20x88 M
ND
DM-22
BM-21x88 M
ND
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
MIN.
7
8
6
5
3
4
2
1
COL.
12
3
4
5
6
78
60.20(2.370)
PIN 1.
+
E5.0(.197)
60.20(2.370)
45.72(1.800)
8.90(.350)
3.00(.118)
2.54x7=17.78(.700)
E0.50(.020)
5
7
2
1
5
7
2
1
BM-20x88MD
10
8
12
14
9
13 3
4
16
6 11 15
8
12
14
9
16
10
13 3
4
11
6
15
BM-20x88ND
5
7
2
1
5
7
2
1
BM-21x88MD
10
8
12
14
9
13 3
4
16
6 11 15
8
12
14
9
16
10
13 3
4
11
6
15
BM-21x88ND
2
COL.
1
12
3
8
6
45
7
8
5
6
7
3
4
60.20(2.370)
60.20(2.370)
45.72(1.800)
6.1x6.1
(0.24x0.24)
+
PIN 1.
MIN.
3.00(.118)
8.90(.350)
2.54x7=17.78(.700)
E0.50
(.020)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BM-20688MD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-20688ND BRIGHT-BM-20688ND Datasheet
493Kb / 3P
   60.20mm (2.3) matrix height 8횞8 dot matrix display
More results

Similar Description - BM-20688MD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-20EG57MD ETC-BM-20EG57MD Datasheet
169Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
   Dot Matrix Display LED
2019/2/15
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
   LED DOT MATRIX DISPLAY
BM-30EG58ND BRIGHT-BM-30EG58ND Datasheet
96Kb / 1P
   LED DOT MATRIX DISPLAY
logo
Yellow Stone Corp
BM-40EG58MD YSTONE-BM-40EG58MD Datasheet
172Kb / 1P
   LED DOT MATRIX DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com