Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2023PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2023PW
Description  SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2023PW Datasheet(HTML) 5 Page - Texas Instruments

  BQ2023PW Datasheet HTML 1Page - Texas Instruments BQ2023PW Datasheet HTML 2Page - Texas Instruments BQ2023PW Datasheet HTML 3Page - Texas Instruments BQ2023PW Datasheet HTML 4Page - Texas Instruments BQ2023PW Datasheet HTML 5Page - Texas Instruments BQ2023PW Datasheet HTML 6Page - Texas Instruments BQ2023PW Datasheet HTML 7Page - Texas Instruments BQ2023PW Datasheet HTML 8Page - Texas Instruments BQ2023PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
bq2023
SINGLEWIRE ADVANCED BATTERY MONITOR IC
FOR CELLULAR AND PDA APPLICATIONS
SLUS480B – MAY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
flash memory characteristics over recommended operating temperature and supply voltage
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
See Note 7
5
Years
Flash programming write-cycles
See Note 7
10,000
Cycles
t(BYTERPROG)
Byte programming time
See Note 7
200
µs
t(BLKERASE)
Block-erase time
60
µs +30 µs/byte, See Note 7
1,500
µs
ICC(PROG)
Flash-write supply current
VCC = 5, See Note 7
30
mA
ICC(ERASE)
Flash-erase supply current
VCC = 5, See Note 7
30
mA
NOTE 7: Assured by design. Not production tested.
SDQ communication timing specification over recommended operating temperature and pull-up
voltage (unless otherwise noted) (See Figures 2 through 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(SLOT)
Bit cycle time (See Figure 1)
See Note 8
60
120
s
t(LOW1)
Write bit one time (See Figure 1)
See Note 8
1
15
µs
t(LOW0)
Write bit zero time (See Figure 2)
t(LOW0) must be less than t(SLOT), See Note 8
60
120
µs
t(REC)
Recovery time (See Figure 2)
See Note 8
1
µs
t(LOWR)
Read bit strobe time (See Figure 3)
See Note 8
1
15
µs
t(RDV)
Read data valid time (See Figure 3)
See Note 8
tLOWR
15
µs
t(REL)
Read data release time (See Figure
4)
See Note 8
30
µs
t(RSTL)
Reset time low (See Figure 5)
t(RSTL) + t(R) < 960 µs, See Note 8
480
µs
t(RSTH)
Reset time high (See Figure 5)
See Note 8
300
µs
t(PDH)
Presence pulse delay (See Figure 5)
See Note 8
15
60
µs
t(PDL)
Presence pulse delay (See Figure 5)
See Note 8
60
240
µs
NOTE 8: 5-k
Ω pullup on SDQ pin
timing requirements
t(LOW1)
t(SLOT)
VIHmin
VILmax
t(REC)
V(PU)
Figure 1. SDQ Write Bit-ONE Timing Diagram


Similar Part No. - BQ2023PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2023PW TI1-BQ2023PW Datasheet
1Mb / 32P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC
BQ2023PWG4 TI1-BQ2023PWG4 Datasheet
1Mb / 32P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC
BQ2023PWR TI1-BQ2023PWR Datasheet
1Mb / 32P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC
More results

Similar Description - BQ2023PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2023 TI1-BQ2023_16 Datasheet
1Mb / 32P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC
logo
ON Semiconductor
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
logo
Vishay Siliconix
SIP31001 VISHAY-SIP31001 Datasheet
86Kb / 3P
   Battery Monitor and Protective Discharge IC
Rev. A, 20-Feb-17
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
STMicroelectronics
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
   Battery monitor IC with alarm output for gas gauge applications
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
logo
Panasonic Semiconductor
AN8538SH PANASONIC-AN8538SH Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com