Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26200 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26200
Description  HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ26200 Datasheet HTML 5Page - Texas Instruments BQ26200 Datasheet HTML 6Page - Texas Instruments BQ26200 Datasheet HTML 7Page - Texas Instruments BQ26200 Datasheet HTML 8Page - Texas Instruments BQ26200 Datasheet HTML 9Page - Texas Instruments BQ26200 Datasheet HTML 10Page - Texas Instruments BQ26200 Datasheet HTML 11Page - Texas Instruments BQ26200 Datasheet HTML 12Page - Texas Instruments BQ26200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
bq26200
SLUS509A − DECEMBER 2001 − REVISED NOVEMBER 2004
9
www.ti.com
APPLICATION INFORMATION
sleep mode operation
The bq26200 begins low-power operation in response to the host issuing the sleep command. Before entering
the low-power state, the host processor writes the command to transfer the registers to flash. After the sleep
command is sent and the charge/discharge activity is less than the value indicated by the WOE bits shown in
Table 3, the chip clock is powered down and data acquisition functions cease except for self-discharge
detection. During device sleep the bq26200 periodically wakes briefly to maintain the self-discharge registers.
The bq26200 wakes on either a low-to-high or high-to-low transition on the HDQ pin.
Table 2. Operational States
MODE
ACTIVE REGISTERS
Normal
CCR, DCR, CTC, DTC, SDR
Sleep
SDR
Table 3. WOE Thresholds
WOE3–1 (HEX)
VWOE (mV)
0h
n/a
1h
3.516
2h
1.758
3h
1.172
4h
0.879
5h
0.703
6h
0.586
7h*
0.502
current sense offset calibration and compensation
The bq26200 automatically and continuously compensates for V(SRP) − V(SRN)) offset. No host calibration or
compensation is required.
gas gauge control registers
The host maintains the charge and discharge and the self-discharge count registers (CCR, CTC, DCR, DTC,
and SCR). To facilitate this maintenance, the bq26200 CLR register resets the specific counter or register pair
to zero. The host system clears a register by writing the corresponding register bit to 1. When the bq26200
completes the reset, the corresponding bit in the CLR register is automatically reset to 0. Clearing the DTC or
CTC registers clears the MODE register bits STC/STD and sets the CTC/DTC count rates to the default value
of 1.138 counts per second.
device temperature measurement
The bq26200 reports die temperature in units of oK through register pair TMPH-TMPL. Refer to the TMP register
description for more details.


Similar Part No. - BQ26200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI1-BQ26200 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PW TI1-BQ26200PW Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWG4 TI1-BQ26200PWG4 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWR TI1-BQ26200PWR Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWRG4 TI1-BQ26200PWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
More results

Similar Description - BQ26200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI1-BQ26200_16 Datasheet
1Mb / 25P
[Old version datasheet]   COLOUMB COUNTER AND FLASH MEMORY
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Intersil Corporation
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com