Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGW50N60T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IGW50N60T
Description  Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW50N60T Datasheet(HTML) 4 Page - Infineon Technologies AG

  IGW50N60T_15 Datasheet HTML 1Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 2Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 3Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 4Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 5Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 6Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 7Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 8Page - Infineon Technologies AG IGW50N60T_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IGW50N60T
TRENCHSTOP
™ Series
IFAG IPC TD VLS
4
Rev. 2.8 19.05.2015
100Hz
1kHz
10kHz
100kHz
0A
20A
40A
60A
80A
100A
120A
140A
T
C = 1 1 0 °C
T
C = 8 0 °C
1V
10V
100V
1000V
1A
10A
100A
10µs
1m s
DC
t
p= 2 µ s
50µs
10m s
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj  175C, D = 0.5, VCE = 400V,
VGE = 0/15V, rG = 7)
Figure 2. Safe operating area
(D = 0, TC = 25C, Tj 175C;
VGE=0/15V)
25°C
50°C
75°C
100°C 125°C 150°C
0W
50W
100W
150W
200W
250W
300W
25°C
50°C
75°C
100°C
125°C
150°C
0A
10A
20A
30A
40A
50A
60A
70A
80A
90A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function
of case temperature
(Tj  175C)
Figure 4. Collector current as a function of
case temperature
(VGE  15V, Tj  175C)
Ic
Ic
__ Icmax
--- max. current limited by bondwire


Similar Part No. - IGW50N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW50N60TP INFINEON-IGW50N60TP Datasheet
1Mb / 14P
   600V IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
More results

Similar Description - IGW50N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
IGP10N60T INFINEON-IGP10N60T_15 Datasheet
444Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 30.04.2015
IGW30N100T INFINEON-IGW30N100T Datasheet
802Kb / 11P
   Low Loss IGBT: IGBT in TrenchStop and Fieldstop technology
Rev 2.4 2009-12-02
IGP06N60T INFINEON-IGP06N60T_13 Datasheet
494Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.3 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com