Electronic Components Datasheet Search |
|
S24A24T400BN Datasheet(PDF) 6 Page - Vicor Corporation |
|
S24A24T400BN Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 15 page 24V Maxi Family Rev 6.6 vicorpower.com Page 6 of 15 01/2016 800 927.9474 24V Input MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 87.3 88.3 % Nominal input; full load; 25°C Ripple and noise 172 215 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 11.9 19.1 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 20.83 Amps Current limit 21.3 24.0 28.1 Amps Output voltage 95% of nominal Short circuit current 14.6 24.0 28.1 Amps Output voltage <250mV 24VOUT, 500W (e.g. V24A24C500BL) Parameter Min Typ Max Unit Notes Efficiency 85.0 86.2 % Nominal input; full load; 25°C Ripple and noise 160 200 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 17.1 17.8 18.5 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 8.1 10 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 20 Amps Current limit 20.4 23 27 Amps Output voltage 95% of nominal Short circuit current 14 23 27 Amps Output voltage <250mV 15VOUT, 300W (e.g. V24A15C300BL) Parameter Min Typ Max Unit Notes Efficiency 88.0 89.0 % Nominal input; full load; 25°C Ripple and noise 60 75 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 17.1 17.8 18.5 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 6.3 9.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 26.67 Amps Current limit 27.2 30.7 34.8 Amps Output voltage 95% of nominal Short circuit current 18.6 30.7 37.9 Amps Output voltage <250mV 15VOUT, 400W (e.g. V24A15C400BL) Parameter Min Typ Max Unit Notes Efficiency S24A12C300BL (enhanced efficiency) 88.0 89.5 % Nominal input; full load; 25°C V24A12C300BL (standard efficiency) 87.0 88.2 Ripple and noise 196 245 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 13.7 14.3 14.9 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 6.9 8.6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 25 Amps Current limit 25.5 28.8 33.8 Amps Output voltage 95% of nominal Short circuit current 17.5 28.8 33.8 Amps Output voltage < 250mV 12VOUT, 300W (e.g. S24A12C300BL, V24A12C300BL) |
Similar Part No. - S24A24T400BN |
|
Similar Description - S24A24T400BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |