Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1304 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1304
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1304 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1304 Datasheet HTML 1Page - Maxim Integrated Products MAX1304 Datasheet HTML 2Page - Maxim Integrated Products MAX1304 Datasheet HTML 3Page - Maxim Integrated Products MAX1304 Datasheet HTML 4Page - Maxim Integrated Products MAX1304 Datasheet HTML 5Page - Maxim Integrated Products MAX1304 Datasheet HTML 6Page - Maxim Integrated Products MAX1304 Datasheet HTML 7Page - Maxim Integrated Products MAX1304 Datasheet HTML 8Page - Maxim Integrated Products MAX1304 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
19-3052; Rev 3; 8/04
General Description
The MAX1304–MAX1306/MAX1308–MAX1310/MAX1312–
MAX1314 12-bit, analog-to-digital converters (ADCs) offer
eight, four, or two independent input channels.
Independent track-and-hold (T/H) circuitry provides simul-
taneous sampling for each channel. The MAX1304/
MAX1305/MAX1306 provide a 0 to +5V input range with
±6V fault-tolerant inputs. The MAX1308/MAX1309/
MAX1310 provide a ±5V input range with ±16.5V fault-tol-
erant inputs. The MAX1312/MAX1313/MAX1314 have a
±10V input range with ±16.5V fault-tolerant inputs. These
ADCs convert two channels in 0.9µs, and up to eight
channels in 1.98µs, with an 8-channel throughput of
456ksps per channel. Other features include a 20MHz T/H
input bandwidth, internal clock, internal (+2.5V) or external
(+2.0V to +3.0V) reference, and power-saving modes.
A 20MHz, 12-bit, bidirectional parallel data bus pro-
vides the conversion results and accepts digital inputs
that activate each channel individually.
All devices operate from a +4.75V to +5.25V analog supply
and a +2.7V to +5.25V digital supply and consume 57mA
total supply current when fully operational.
Each device is available in a 48-pin 7mm x 7mm TQFP
package and operates over the extended -40°C to
+85°C temperature range.
Applications
SIN/COS Position Encoder
Multiphase Motor Control
Multiphase Power Monitoring
Power-Grid Synchronization
Power-Factor Monitoring
Vibration and Waveform Analysis
Features
♦ Up to Eight Channels of Simultaneous Sampling
8ns Aperture Delay
100ps Channel-to-Channel T/H Match
♦ Extended Input Ranges
0 to +5V (MAX1304/MAX1305/MAX1306)
-5V to +5V (MAX1308/MAX1309/MAX1310)
-10V to +10V (MAX1312/MAX1313/MAX1314)
♦ Fast Conversion Time
One Channel in 0.72µs
Two Channels in 0.9µs
Four Channels in 1.26µs
Eight Channels in 1.98µs
♦ High Throughput
1075ksps/Channel for One Channel
901ksps/Channel for Two Channels
680ksps/Channel for Four Channels
456ksps/Channel for Eight Channels
♦ ±1 LSB INL, ±0.9 LSB DNL (max)
♦ 84dBc SFDR, -86dBc THD, 71dB SINAD,
fIN = 500kHz at 0.4dBFS
♦ 12-Bit, 20MHz, Parallel Interface
♦ Internal or External Clock
♦ +2.5V Internal Reference or +2.0V to +3.0V
External Reference
♦ +5V Analog Supply, +3V to +5V Digital Supply
55mA Analog Supply Current
1.3mA Digital Supply Current
Shutdown and Power-Saving Modes
♦ 48-Pin TQFP Package (7mm x 7mm Footprint)
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
________________________________________________________________ Maxim Integrated Products
1
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1304ECM
-40
°C to +85°C
48 TQFP
MAX1305ECM
-40
°C to +85°C
48 TQFP
MAX1306ECM
-40
°C to +85°C
48 TQFP
MAX1308ECM
-40
°C to +85°C
48 TQFP
MAX1309ECM
-40
°C to +85°C
48 TQFP
MAX1310ECM
-40
°C to +85°C
48 TQFP
MAX1312ECM
-40
°C to +85°C
48 TQFP
MAX1313ECM
-40
°C to +85°C
48 TQFP
MAX1314ECM
-40
°C to +85°C
48 TQFP
Selector Guide
PART
INPUT RANGE (V)
CHANNEL COUNT
MAX1304ECM
0 to +5
8
MAX1305ECM
0 to +5
4
MAX1306ECM
0 to +5
2
MAX1308ECM
±5
8
MAX1309ECM
±5
4
MAX1310ECM
±5
2
MAX1312ECM
±10
8
MAX1313ECM
±10
4
MAX1314ECM
±10
2


Similar Part No. - MAX1304

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX13041 MAXIM-MAX13041 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041ASD++ MAXIM-MAX13041ASD+ Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
More results

Similar Description - MAX1304

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com