Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1747 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1747
Description  Triple Charge-Pump TFT LCD DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1747 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1747 Datasheet HTML 1Page - Maxim Integrated Products MAX1747 Datasheet HTML 2Page - Maxim Integrated Products MAX1747 Datasheet HTML 3Page - Maxim Integrated Products MAX1747 Datasheet HTML 4Page - Maxim Integrated Products MAX1747 Datasheet HTML 5Page - Maxim Integrated Products MAX1747 Datasheet HTML 6Page - Maxim Integrated Products MAX1747 Datasheet HTML 7Page - Maxim Integrated Products MAX1747 Datasheet HTML 8Page - Maxim Integrated Products MAX1747 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1747 triple charge-pump DC-DC converter
provides the regulated voltages required by active
matrix thin-film transistor (TFT) liquid-crystal displays
(LCDs) in a low-profile TSSOP package. One high-
power and two low-power charge pumps convert the
+2.7V to +4.5V input supply voltage into three indepen-
dent output voltages.
The primary high-power charge pump generates an
output voltage (VOUT) between 4.5V and 5.5V that is
regulated within ±1%. The low-power BiCMOS control
circuitry and the low on-resistance (RON) power
MOSFETs maximize efficiency. The adjustable switch-
ing frequency (200kHz to 2MHz) provides fast transient
response and allows the use of small low-profile ceram-
ic capacitors.
The dual low-power charge pumps independently regu-
late one positive output (VPOS) and one negative output
(VNEG). These additional outputs use external diode
and capacitor multiplier stages (as many stages as
required) to regulate output voltages up to +35V and
-35V.
The constant switching frequency and a proprietary
regulation algorithm minimize output ripple and capaci-
tor sizes for all three charge pumps. The MAX1747 is
available in the ultra-thin TSSOP package (1.1mm max
height).
Triple Charge-Pump TFT LCD
DC-DC Converter
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
OUT
CXP
SUPM
CXN
FB
RDY
TGND
TGND
TOP VIEW
PGND
SUPP
DRVP
SUPN
REF
GND
IN
INTG
12
11
9
10
DRVN
SHDN
FBN
FBP
MAX1747
TSSOP
Pin Configuration
19-1788; Rev 0; 10/00
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX1747EUP
-40
°C to +85°C
20 TSSOP
Features
o Adjustable Outputs
Up to +5.5V Main High-Power Output
Up to +35V Positive Charge-Pump Output
Down to -35V Negative Charge-Pump Output
o 200kHz to 2MHz Adjustable Switching Frequency
o +2.7V to +4.5V Input Supply
o Internal Power MOSFETs
o 0.1µA Shutdown Current
o Internal Soft-Start
o Power-Ready Output
o Internal Supply Sequencing
o Fast Transient Response
o Ultra-Thin Solution (No Inductors)
o Thin TSSOP Package (1.1mm max)
Applications
TFT Active-Matrix LCDs
Passive-Matrix Displays
Personal Digital Assistants (PDAs)
IN
FB
SUPN
DRVP
FBP
PGND
DRVN
GND
TGND
MAX1747
SHDN
RDY
FBN
REF
INPUT
TO
µC
SUPM
MAIN OUTPUT
POSITIVE
OUTPUT
INTG
CXP
CXN
OUT
SUPP
NEGATIVE
OUTPUT
Typical Operating Circuit
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MAX174 MAXIM-MAX174 Datasheet
1Mb / 18P
   Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI++ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
More results

Similar Description - MAX1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX8753 MAXIM-MAX8753 Datasheet
596Kb / 20P
   TFT LCD DC-DC Converter with Integrated Charge Pumps
Rev 0; 1/06
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com