Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1747 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1747
Description  Triple Charge-Pump TFT LCD DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1747 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1747 Datasheet HTML 1Page - Maxim Integrated Products MAX1747 Datasheet HTML 2Page - Maxim Integrated Products MAX1747 Datasheet HTML 3Page - Maxim Integrated Products MAX1747 Datasheet HTML 4Page - Maxim Integrated Products MAX1747 Datasheet HTML 5Page - Maxim Integrated Products MAX1747 Datasheet HTML 6Page - Maxim Integrated Products MAX1747 Datasheet HTML 7Page - Maxim Integrated Products MAX1747 Datasheet HTML 8Page - Maxim Integrated Products MAX1747 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Triple Charge-Pump TFT LCD
DC-DC Converter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VSUPM = +3.0V, VSUPP = VSUPN = +5V, TGND = PGND = GND, I SHDN = 22µA, COUT = 2 4.7µF, CREF = 0.22µF, CINTG =
1500pF, VOUT = +5V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FBN Input Bias Current
IFBN
VFBN = -50mV
-50
+50
nA
DRVN PCH On-Resistance
36
VFBN = 50mV
1
5
DRVN NCH On-Resistance
VFBN = -50mV
20
k
FBN Power-Ready Trip Level
Falling edge
80
125
165
mV
FBN Fault Trip Level
Rising edge
140
mV
Negative Soft-Start Period
2.048/
FOSC
s
POSITIVE LOW-POWER CHARGE PUMP
SUPP Input Supply Range
VSUPP
2.7
13
V
SUPP Quiescent Current
ISUPP
VFBP = 1.5V, no load on DRVP
0.6
0.8
mA
SUPP Shutdown Current
V SHDN = 0, VSUPP = 13V
0.1
10
µA
FBP Regulation Voltage
VFBP
1.20
1.25
1.30
V
FBP Input Bias Current
IFBP
VFBP = 1.5V
-50
+50
nA
DRVP PCH On-Resistance
36
VFBP = 1.20V
1.5
5
DRVP NCH On-Resistance
VFBP = 1.30V
20
k
FBP Power-Ready Trip Level
Rising edge
1.090
1.125
1.160
V
FBP Fault Trip Level
Falling edge
1.100
V
Positive Soft-Start Period
2.048/
FOSC
s
REFERENCE
Reference Voltage
VREF
-2
µA < IREF < 50µA
1.231
1.25
1.269
V
Reference Undervoltage
Threshold
VREF rising
0.95
1.05
1.18
V
LOGIC SIGNALS
SHDN Input Low Voltage
0.4
V
SHDN Bias Voltage
I SHDN = 22
µA
580
724
830
mV
SHDN Bias Voltage Tempco
2
mV/
°C
SHDN Input Current Range
I SHDN
For 200kHz to 2MHz operation
3
65
µA
RDY Output Low Voltage
ISINK = 2mA
0.25
0.5
V
RDY Output High Leakage
V RDY = 13V
0.01
1
µA


Similar Part No. - MAX1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MAX174 MAXIM-MAX174 Datasheet
1Mb / 18P
   Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI++ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
More results

Similar Description - MAX1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX8753 MAXIM-MAX8753 Datasheet
596Kb / 20P
   TFT LCD DC-DC Converter with Integrated Charge Pumps
Rev 0; 1/06
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com