Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF5006HV-CMC120 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF5006HV-CMC120
Description  Inductance Range: 100uH to 2.5mH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF5006HV-CMC120 Datasheet(HTML) 1 Page - XFMRS Inc.

  XF5006HV-CMC120 Datasheet HTML 1Page - XFMRS Inc. XF5006HV-CMC120 Datasheet HTML 2Page - XFMRS Inc. XF5006HV-CMC120 Datasheet HTML 3Page - XFMRS Inc. XF5006HV-CMC120 Datasheet HTML 4Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(317)834­1066
info@xfmrs.com
www.xfmrs.com | 7570 E. Landersdale Rd.
Camby, IN 46113
852­2423­1689
pyiu@xfmrs.com
152­160 Tai Lin Pai Rd.
Kwai Chung, NT, Hong Kong
XFxxxxHV­CMC120
Series
Common Mode Chokes
Inductance Range: 100uH to 2.5mH
Custom values available upon request
Current Ratings: 1.0A to 7.5A
High isolation
Through­hole
High current capability
Rev: A/1


Similar Part No. - XF5006HV-CMC120

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5006HV-CMC100 XFMRS-XF5006HV-CMC100 Datasheet
395Kb / 5P
   Inductance Range 100uH to 2.5mH
More results

Similar Description - XF5006HV-CMC120

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1006HV-CMC100 XFMRS-XF1006HV-CMC100 Datasheet
395Kb / 5P
   Inductance Range 100uH to 2.5mH
XF0043HV-CMC254 XFMRS-XF0043HV-CMC254 Datasheet
2Mb / 4P
   Inductance Range 4.0mH to 44.1mH
XF0056-HPCMC5 XFMRS-XF0056-HPCMC5 Datasheet
491Kb / 5P
   Inductance Range 0.005mH to 4.70mH
logo
Pulse A Technitrol Comp...
PG1083.503NLT PULSE-PG1083.503NLT Datasheet
856Kb / 2P
   Inductance Range
logo
XFMRS Inc.
XF0023HV-CMC160 XFMRS-XF0023HV-CMC160 Datasheet
2Mb / 4P
   Inductance Range
XF0013HV-HPCMC XFMRS-XF0013HV-HPCMC Datasheet
970Kb / 2P
   Inductance Range
XF0013HV-VPCMC XFMRS-XF0013HV-VPCMC Datasheet
1Mb / 2P
   Inductance Range
logo
Bourns Electronic Solut...
SRF0905-202Y BOURNS-SRF0905-202Y Datasheet
364Kb / 2P
   Inductance range: 10 to 6500 關H
SRN1060-221M BOURNS-SRN1060-221M Datasheet
329Kb / 2P
   Inductance range: 10 to 470 關H
logo
ECM Electronics Limited...
LNQ ECM-LNQ Datasheet
139Kb / 4P
   Wide Inductance Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com