Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP10N60T Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IGP10N60T
Description  Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP10N60T Datasheet(HTML) 1 Page - Infineon Technologies AG

  IGP10N60T_15 Datasheet HTML 1Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 2Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 3Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 4Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 5Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 6Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 7Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 8Page - Infineon Technologies AG IGP10N60T_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IGP10N60T
TRENCHSTOP
™ Series
q
IFAG IPC TD VLS
1
Rev. 2.5 30.04.2015
Low Loss IGBT : IGBT in TRENCHSTOP
™ and Fieldstop technology
Features:
Very low VCE(sat) 1.5V (typ.)
Maximum Junction Temperature 175°C
Short circuit withstand time 5
s
Designed for :
- Variable Speed Drive for washing machines and air conditioners
- induction cooking
- Uninterrupted Power Supply
TRENCHSTOP
™ and Fieldstop technology for 600V applications offers :
- very tight parameter distribution
- high ruggedness, temperature stable behaviour
NPT technology offers easy parallel switching capability due to
positive temperature coefficient in VCE(sat)
Low EMI
Low Gate Charge
Qualified according to JEDEC
1 for target applications
Pb-free lead plating; RoHS compliant
Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
VCE(sat),Tj=25°C
Tj,max
Marking Code
Package
IGP10N60T
600V
10A
1.5V
175
C
G10T60
PG-TO-220-3
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage, Tj ≥ 25C
VCE
600
V
DC collector current, limited by Tjmax
TC = 25C
TC = 100C
I C
24
18
A
Pulsed collector current, tp limited by Tjmax
I Cp ul s
30
Turn off safe operating area, VCE = 600V, Tj = 175C, tp = 1µs
-
30
Gate-emitter voltage
VGE
20
V
Short circuit withstand time
2)
VGE = 15V, VCC  400V, Tj  150C
t SC
5
s
Power dissipation TC = 25C
Pt ot
110
W
Operating junction temperature
T j
-40...+175
C
Storage temperature
T st g
-55...+150
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
260
1 J-STD-020 and JESD-022
2) Allowed number of short circuits: <1000; time between short circuits: >1s.
G
C
E
PG-TO-220-3


Similar Part No. - IGP10N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP10N60T INFINEON-IGP10N60T_07 Datasheet
357Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
More results

Similar Description - IGP10N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
IGW30N100T INFINEON-IGW30N100T Datasheet
802Kb / 11P
   Low Loss IGBT: IGBT in TrenchStop and Fieldstop technology
Rev 2.4 2009-12-02
IGP06N60T INFINEON-IGP06N60T_13 Datasheet
494Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.3 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com