Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP06N60T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IGP06N60T
Description  Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP06N60T Datasheet(HTML) 3 Page - Infineon Technologies AG

  IGP06N60T Datasheet HTML 1Page - Infineon Technologies AG IGP06N60T Datasheet HTML 2Page - Infineon Technologies AG IGP06N60T Datasheet HTML 3Page - Infineon Technologies AG IGP06N60T Datasheet HTML 4Page - Infineon Technologies AG IGP06N60T Datasheet HTML 5Page - Infineon Technologies AG IGP06N60T Datasheet HTML 6Page - Infineon Technologies AG IGP06N60T Datasheet HTML 7Page - Infineon Technologies AG IGP06N60T Datasheet HTML 8Page - Infineon Technologies AG IGP06N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IGP06N60T
TRENCHSTOP
™ Series
q
IFAG IPC TD VLS
3
Rev. 2.3 20.09.2013
Switching Characteristic, Inductive Load, at Tj=25 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j= 2 5  C ,
V C C = 4 0 0 V , I C = 6 A ,
V G E = 0 / 1 5 V , r G = 2 3  ,
L = 6 0 n H , C = 4 0 p F
L , C f r o m F i g . E
Energy losses include
“tail” and diode reverse
recovery.
Diode used IDP06E60
-
9
-
ns
Rise time
t r
-
6
-
Turn-off delay time
t d( of f)
-
130
-
Fall time
t f
-
58
-
Turn-on energy
Eo n
-
0.09
-
mJ
Turn-off energy
Eo ff
-
0.11
-
Total switching energy
Et s
-
0.2
-
Switching Characteristic, Inductive Load, at Tj=175 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j= 1 7 5  C ,
V C C = 4 0 0 V , I C = 6 A ,
V G E = 0 / 1 5 V , r G = 2 3 
L = 6 0 n H , C = 4 0 p F
L , C f r o m F i g . E
Energy losses include
“tail” and diode reverse
recovery.
Diode used IDP06E60
-
9
-
ns
Rise time
t r
-
8
-
Turn-off delay time
t d( of f)
-
165
-
Fall time
t f
-
84
-
Turn-on energy
Eo n
-
0.14
-
mJ
Turn-off energy
Eo ff
-
0.18
-
Total switching energy
Et s
-
0.335
-


Similar Part No. - IGP06N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
More results

Similar Description - IGP06N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
IGP10N60T INFINEON-IGP10N60T_15 Datasheet
444Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 30.04.2015
IGW30N100T INFINEON-IGW30N100T Datasheet
802Kb / 11P
   Low Loss IGBT: IGBT in TrenchStop and Fieldstop technology
Rev 2.4 2009-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com