Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4561EUT-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4561EUT-T
Description  ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4561EUT-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4561EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 11Page - Maxim Integrated Products MAX4561EUT-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
±15kV ESD-Protected, Low-Voltage,
SPDT/SPST, CMOS Analog Switches
8
_______________________________________________________________________________________
tr < 20ns
tf < 20ns
50%
0
LOGIC
INPUT
RL
COM
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN
+3V
tOFF
0
NO
OR NC
SWITCH
OUTPUT
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
V+
VOUT
MAX4561
MAX4568
MAX4569
Figure 1. Switching Time
50%
+3V
0
LOGIC
INPUT
SWITCH
OUTPUT
(VOUT)
0.9 x VOUT
0.9 x VOUT
tBBM
LOGIC
INPUT
RL
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO
IN
NC
VOUT
V+
V+
CL
+3V
COM
MAX4561
Figure 2. Break-Before-Make Interval
VGEN
GND
COM
CL
VOUT
V+
VOUT
+3V
∆VOUT
Q = (
∆VOUT)(CL)
NC
OR NO
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
0
VIN = LOGIC INPUT
V+
RGEN
IN
MAX4561
MAX4568
MAX4569
0
+3V
IN
Figure 3. Charge Injection
Test Circuits/Timing Diagrams


Similar Part No. - MAX4561EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561EUT+T MAXIM-MAX4561EUT+T Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
More results

Similar Description - MAX4561EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com