Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4568EUK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4568EUK-T
Description  ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4568EUK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4568EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4568EUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4561/MAX4568/MAX4569 are low-voltage,
ESD-protected analog switches. The normally open
(NO) and normally closed (NC) inputs are protected
against ±15kV electrostatic discharge (ESD) without
latchup or damage, and the COM input is protected
against 2.5kV ESD.
These switches operate from a single +1.8V to +12V
supply. The 70
Ω at 5V (120Ω at 3V) on-resistance is
matched between channels to 2
Ω max, and is flat (4Ω
max) over the specified signal range. The switches can
handle Rail-to-Rail® analog signals. Off-leakage current
is only 0.5nA at +25°C and 5nA at +85°C. The digital
input has +0.8V to +2.4V logic thresholds, ensuring
TTL/CMOS-logic compatibility when using a single +5V
supply. The MAX4561 is a single-pole/double-throw
(SPDT) switch. The MAX4568 NO and MAX4569 NC are
single-pole/single-throw (SPST) switches.
The MAX4561 is available in a 6-pin SOT23 package,
and the MAX4568/MAX4569 are available in 5-pin
SOT23 packages.
________________________Applications
High-ESD Environments
Battery-Powered Systems
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communications Circuits
Features
o ESD-Protected NO, NC
±15kV—Human Body Model
±15kV—IEC 1000-4-2, Air-Gap Discharge
±8kV—IEC 1000-4-2, Contact Discharge
o Guaranteed On-Resistance
70
Ω +5V Supply
120
Ω with Single +3V Supply
o On-Resistance Match Between Channels (2Ω max)
o Low On-Resistance Flatness: 4Ω max
o Guaranteed Low Leakage Currents
0.5nA Off-Leakage (at TA = +25°C)
0.5nA On-Leakage (at TA = +25°C)
o Guaranteed Break-Before-Make at 5ns
(MAX4561 only)
o Rail-to-Rail Signal Handling Capability
o TTL/CMOS-Logic Compatible with +5V Supplies
o Industry Standard Pin-Outs
MAX4561 Pin Compatible with MAX4544
MAX4568/MAX4569 Pin Compatible with
MAX4514/MAX4515
±15kV ESD-Protected, Low-Voltage,
SPDT/SPST, CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
NC
IN
GND
15
V+
COM
MAX4569
SOT23-5
2
34
NO
IN
GND
15
V+
COM
MAX4568
SOT23-5
SWITCHES SHOWN FOR LOGIC "0" INPUT.
2
34
LOGIC
SWITCH
0
1
OFF
ON
LOGIC
SWITCH
0
1
ON
OFF
LOGIC
NO
0
1
OFF
ON
NC
ON
OFF
V+
NC
GND
16
NO
5
COM
IN
MAX4561
SOT23-6
2
34
Pin Configurations/Functional Diagrams/Truth Tables
19-1714; Rev 0; 4/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
PART
TEMP.
RANGE
PIN-
PACKAGE
SOT
TOP MARK
MAX4561EUT-T
-40
°C to +85°C
6 SOT23
AAIE
MAX4568EUK-T -40
°C to +85°C
5 SOT23
ADOE
MAX4569EUK-T -40
°C to +85°C
5 SOT23
ADOF
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4568EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4568EUK+T MAXIM-MAX4568EUK+T Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
More results

Similar Description - MAX4568EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com