Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF8100 Datasheet(PDF) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF8100
Description  Ultralow forward voltage drop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF8100 Datasheet(HTML) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF8100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF8100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF8100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF8100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF8100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF8100 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF8100 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF8100 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1578, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST8100
STB8100
STF8100
STD8100
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Forward Voltage Drop (V)
0.001
0.010
0.100
1.000
10.000
100.000
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
10
100
1000
10000
0
5
10
15
20
25
30
35
40
Reverse Voltage (V)
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=25℃
TJ=25℃
TJ=125℃


Similar Part No. - STF8100

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
STF8100 SMCDIODE-STF8100 Datasheet
1Mb / 7P
   SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - STF8100

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST560S SMC-ST560S Datasheet
181Kb / 5P
   Ultralow forward voltage drop
STB40H100C SMC-STB40H100C Datasheet
205Kb / 5P
   Ultralow forward voltage drop
logo
Vishay Siliconix
VS-95SQ015 VISHAY-VS-95SQ015 Datasheet
140Kb / 7P
   Ultralow forward voltage drop
Revision: 09-Sep-11
logo
Sangdest Microelectroni...
STF20H150C SMC-STF20H150C Datasheet
252Kb / 5P
   Ultralow forward voltage drop
STF30H150C SMC-STF30H150C Datasheet
257Kb / 5P
   Ultralow forward voltage drop
STF4080C SMC-STF4080C Datasheet
180Kb / 5P
   Ultralow forward voltage drop
logo
Vishay Siliconix
VS-8ETL06SPBF VISHAY-VS-8ETL06SPBF Datasheet
190Kb / 9P
   Benchmark ultralow forward voltage drop
Revision: 15-Nov-16
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com