Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8530ETT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8530ETT
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8530ETT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8530ETT Datasheet HTML 1Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 2Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 3Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 4Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 5Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 6Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 7Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 8Page - Maxim Integrated Products MAX8530ETT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(IN = 3.8V, SHDN = IN, CBP = 10nF (MAX8531), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, RESET, BP to GND .................................-0.3V to +7V
OUT1, OUT2 to GND...................................-0.3V to (VIN + 0.3V)
Output Short-Circuit Duration ........................................Indefinite
Continuous Power Dissipation (TA = +70°C)
6-Bump UCSP (derate 3.9mW/
°C above +70°C) ........308mW
6-Lead QFN (derate 24.4mW/
°C above +70°C) ........1951mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
6-Bump+ UCSP Solder Profile ....................................(Note 1)
6-Lead QFN Lead Temperature (10s) .........................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
6.5
V
Undervoltage Lockout Threshold
VUVLO
IN rising, hysteresis is 40mV (typ)
2.15
2.25
2.42
V
TA = +25°C, IOUT1 = IOUT2 = 1mA
-1
+1
TA = -40°C to +85°C, IOUT1 = IOUT2 = 1mA
-2
+2
Output Voltage Accuracy
TA = -40°C to +85°C, IOUT1 = 0.1mA to 200mA,
IOUT2 = 0.1mA to 150mA
-3
+3
%
OUT1
200
Maximum Output Current
IOUT_
OUT2
150
mA
OUT1
210
330
550
Current Limit
ILIM
OUT2
165
280
500
mA
No load
130
220
Ground Current
IQ
IOUT1 = IOUT2 = 100mA
150
µA
Dropout Voltage
VOUT_ - VIN IOUT_ = 100mA (Note 3)
100
200
mV
Line Regulation
∆VLNR
IN = (OUT_ + 0.1V) to 3.8V
-0.2
+0.2
%/V
MAX8530
320
Output Voltage Noise
10Hz to 100kHz, COUT = 10µF,
IOUT = 10mA
MAX8531
40
µVRMS
MAX8530
60
Ripple Rejection
PSRR
100Hz, IOUT = 30mA
MAX8531
62
dB
SHUTDOWN
SHDN = 0, TA = +25°C
0.01
1
SHDN Supply Current
IOFF
SHDN = 0, TA = +85°C
0.1
µA
VIH
Input high voltage
1.6
SHDN Input Threshold
VIL
Input low voltage
0.4
V
TA = +25°C
0.7
100
SHDN Input Bias Current
ISHDN
SHDN = IN or GND
TA = +85°C
0.8
nA
THERMAL PROTECTION
Thermal-Shutdown Temperature
TSHDN
TJ rising
160
°C
Thermal-Shutdown Hysteresis
∆TSHDN
10
°C
Note 1: For UCSP solder profile information, visit www.maxim-ic.com/1st_pages/UCSP.html.


Similar Part No. - MAX8530ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530ETTK2 MAXIM-MAX8530ETTK2 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8530ETTKO MAXIM-MAX8530ETTKO Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8530ETTO2 MAXIM-MAX8530ETTO2 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8530ETTP2 MAXIM-MAX8530ETTP2 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
More results

Similar Description - MAX8530ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530_05 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Texas Instruments
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com