Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8531EBT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8531EBT
Description  Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8531EBT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8531EBT Datasheet HTML 1Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 2Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 3Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 4Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 5Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 6Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 7Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 8Page - Maxim Integrated Products MAX8531EBT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual Low-Dropout Linear Regulators
with RESET or Low-Noise Output in UCSP or QFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(IN = 3.8V, SHDN = IN, CBP = 10nF (MAX8531), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Note 2: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 3: The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.
Specification applies only when VOUT
≥ 2.5V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT (MAX8530 ONLY)
RESET Threshold
VTH
Percentage of nominal output, OUT1 falling,
when RESET falls.
84
87
89
%
RESET Threshold Hysteresis
0.5
%
IRESET = 500µA, IN = 3.8V
10
20
RESET Output Voltage Low
(Open-Drain, Active Low)
VOL
IRESET = 100µA, IN = 1.2V
10
40
mV
TA = +25°C
0.001
1
RESET Open-Drain
Output Leakage Current
V RESET = 6.5V
TA = +85°C
0.01
µA
RESET Active Timeout Delay
From OUT1 rising to RESET rising.
100
200
360
ms
Typical Operating Characteristics
VOUT1 = 3.3V, VOUT2 = 1.5V, load = 80mA (both output voltages), VIN = 3.8V, COUT_ = 2.2µF, CBP = 0.01µF, CIN = 2.2µF, and TA = +25°C,
unless otherwise noted.
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
6
5
4
3
2
1
50
100
150
200
250
0
0
80mA LOAD, BOTH OUTPUTS
NO LOAD
SUPPLY CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
70
60
40
50
20
30
10
20
40
60
80
100
120
140
160
180
200
0
080
BOTH OUTPUTS LOADED
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20
40
60
80
100
120
140
160
180
200
0
-40
85
80mA LOAD, BOTH OUTPUTS


Similar Part No. - MAX8531EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8531EBTGG MAXIM-MAX8531EBTGG Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8531EBTJJ MAXIM-MAX8531EBTJJ Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
More results

Similar Description - MAX8531EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530_05 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Texas Instruments
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com