Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6210F-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD6210F-E2
Description  DC Brush Motor Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6210F-E2 Datasheet(HTML) 1 Page - Rohm

  BD6210F-E2 Datasheet HTML 1Page - Rohm BD6210F-E2 Datasheet HTML 2Page - Rohm BD6210F-E2 Datasheet HTML 3Page - Rohm BD6210F-E2 Datasheet HTML 4Page - Rohm BD6210F-E2 Datasheet HTML 5Page - Rohm BD6210F-E2 Datasheet HTML 6Page - Rohm BD6210F-E2 Datasheet HTML 7Page - Rohm BD6210F-E2 Datasheet HTML 8Page - Rohm BD6210F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DC Brush Motor Drivers (7V Max)
BD621xxx Series
General Description
These H-bridge drivers are full bridge drivers for brush
motor applications. Each IC can operate at a power
supply voltage range of 3.0V to 5.5V, with output currents
of up to 2A. MOS transistors in the output stage allow
PWM speed control. The integrated VREF voltage control
function allows direct replacement of discontinued motor
driver ICs. These highly efficient H-bridge driver ICs
facilitate low-power consumption design.
Features
 Built-in one channel configuration
 VREF Voltage Setting Pin Enables PWM Duty Control
 Cross-Conduction Prevention Circuit
 Four Protection Circuits Provided: OCP, OVP, TSD
and UVLO
Applications
VTR; CD/DVD players; audio-visual equipment; optical
disc drives; PC peripherals; OA equipments
Key Specifications
■ Operating Supply Voltage:
7V(Max)
■ Maximum Output Current:
0.5A / 1.0A / 2.0A
■ Output ON-Resistance:
1.0
Ω / 1.0Ω / 0.5Ω
■ PWM Input Frequency Range:
20kHz to 100kHz
■ Standby Current:
0μA (Typ)
■ Operating Temperature Range:
-40°C to +85°C
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
HSOP25
13.60mm x 7.80mm x 2.11mm
HRP7
9.395mm x 10.540mm x 2.005mm
Ordering Information
B
D
6
2
1
x
x
x
x
-
x x
Part Number
Package
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/HSOP25)
TR: Embossed tape and reel
(HRP7)
F
FP
HFP
: SOP8
: HSOP25
: HRP7
Lineup
Rating voltage
(Max)
Channels
Maximum
output current
(Max)
Package
Orderable
Part Number
7V
1ch
0.5A
HRP7
Reel of 2000
BD6210HFP-TR
SOP8
Reel of 2500
BD6210F-E2
1.0A
HRP7
Reel of 2000
BD6211HFP-TR
SOP8
Reel of 2500
BD6211F-E2
2.0A
HRP7
Reel of 2000
BD6212HFP-TR
HSOP25
Reel of 2000
BD6212FP-E2
HRP7 (Pd=1.60W)
SOP8 (Pd=0.69W)
HSOP25 (Pd=1.45W)
(Note ) Pd : Mounted on a 70mm x 70mm x 1.6mm glass-epoxy board.
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
1/20
TSZ02201-0P2P0B300070-1-2
09.Sep.2014 Rev.003
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Datasheet


Similar Part No. - BD6210F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6210F-E2 ROHM-BD6210F-E2 Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
More results

Similar Description - BD6210F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com