Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6236FM-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD6236FM-E2
Description  DC Brush Motor Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6236FM-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD6236FM-E2 Datasheet HTML 2Page - Rohm BD6236FM-E2 Datasheet HTML 3Page - Rohm BD6236FM-E2 Datasheet HTML 4Page - Rohm BD6236FM-E2 Datasheet HTML 5Page - Rohm BD6236FM-E2 Datasheet HTML 6Page - Rohm BD6236FM-E2 Datasheet HTML 7Page - Rohm BD6236FM-E2 Datasheet HTML 8Page - Rohm BD6236FM-E2 Datasheet HTML 9Page - Rohm BD6236FM-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
BD623xxx Series
Datasheet
Absolute Maximum Ratings (Ta=25°C, All voltages are with respect to ground)
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
36
V
Output Current
IOMAX
0.5 (Note 1) / 1.0 (Note 2) / 2.0 (Note 3)
A
All Other Input Pins
VIN
-0.3 to VCC
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.68 (Note 4) / 1.6 (Note 5) / 1.45 (Note 6) / 2.2 (Note 7)
W
Junction Temperature
Tjmax
150
°C
(Note 1) BD6230. Do not exceed Pd or ASO.
(Note 2) BD6231 / BD6236. Do not exceed Pd or ASO.
(Note 3) BD6232 / BD6237. Do not exceed Pd or ASO.
(Note 4) SOP8 package. Mounted on a 70mm x 70mm x 1.6mm glass-epoxy board. Derate by 5.5mW/°C for Ta above 25°C.
(Note 5) HRP7 package. Mounted on a 70mm x 70mm x 1.6mm glass-epoxy board. Derate by 12.8mW/°C for Ta above 25°C.
(Note 6) HSOP25 package. Mounted on a 70mm x 70mm x 1.6mm glass-epoxy board. Derate by 11.6mW/°C for Ta above 25°C.
(Note 7) HSOP-M28 package. Mounted on a 70mm x 70mm x 1.6mm glass-epoxy board. Derate by 17.6mW/°C for Ta above 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum
ratings.
Recommended Operating Conditions (Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
6 to 32
V
VREF Voltage
VREF
3 to 32
V
Electrical Characteristics (Unless otherwise specified, Ta=25°C and VCC=VREF=24V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Supply Current (1ch)
ICC
0.8
1.3
2.5
mA
Forward / Reverse / Brake
Supply Current (2ch)
ICC
1.3
2.0
3.5
mA
Forward / Reverse / Brake
Stand-by Current
ISTBY
-
0
10
µA
Stand-by
Input High Voltage
VIH
2.0
-
-
V
Input Low Voltage
VIL
-
-
0.8
V
Input Bias Current
IIH
30
50
100
µA
VIN=5.0V
Output ON-Resistance (Note 8)
RON
1.0
1.5
2.5
IOUT=0.25A, vertically total
Output ON-Resistance (Note 9)
RON
1.0
1.5
2.5
IOUT=0.5A, vertically total
Output ON-Resistance (Note 10)
RON
0.5
1.0
1.5
IOUT=1.0A, vertically total
VREF Bias Current
IVREF
-10
0
+10
µA
VREF=VCC
Carrier Frequency
fPWM
20
25
35
kHz
VREF=18V
Input Frequency Range
fMAX
20
-
100
kHz
FIN / RIN
(Note 8) BD6230
(Note 9) BD6231 / BD6236
(Note 10) BD6232 / BD6237
6/24
TSZ02201-0P2P0B300090-1-2
09.Sep.2014 Rev.003
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001


Similar Part No. - BD6236FM-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6236FM-E2 ROHM-BD6236FM-E2 Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
More results

Similar Description - BD6236FM-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com