Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C36E1AXXXFP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M38C36E1AXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C36E1AXXXFP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M38C36E1AXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38C36E1AXXXFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
192
256
384
512
640
768
896
1024
00FF16
013F16
01BF16
023F16
02BF16
033F16
03BF16
043F16
RAM area
RAM size
(bytes)
Address
XXXX16
4096
8192
12288
16384
20480
24576
28672
32768
36864
40960
45056
49152
F00016
E00016
D00016
C00016
B00016
A00016
900016
800016
700016
600016
500016
400016
F08016
E08016
D08016
C08016
B08016
A08016
908016
808016
708016
608016
508016
408016
ROM area
ROM size
(bytes)
Address
YYYY16
Address
ZZZZ16
005816
000016
004016
044016
FF0016
FFDC16
FFFE16
FFFF16
XXXX16
YYYY16
ZZZZ16
RAM
ROM
005016
Reserved area
SFR area 1
Not used
Interrupt vector area
Reserved ROM area
(128 bytes)
Zero page
Special page
LCD display RAM area
Reserved ROM area
ROM corrective RAM area
010016
(Note 1)
SFR area 2 (Note 1)
0F0016
0FFF16
Note 1 : This is valid only in mask ROM version.
MEMORY
Special Function Register (SFR) Area
The Special Function Register area in the zero page contains control
registers such as I/O ports and timers.
RAM
RAM is used for data storage and for stack area of subroutine calls
and interrupts.
ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is user area for storing programs.
Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
Zero Page
Access to this area with only 2 bytes is possible in the zero page
addressing mode.
Special Page
Access to this area with only 2 bytes is possible in the special page
addressing mode.
Fig. 6 Memory map diagram


Similar Part No. - M38C36E1AXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38C36E1AXXXFP RENESAS-M38C36E1AXXXFP Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38C36E1AXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com