Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63521EFV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD63521EFV-E2
Description  Micro step 36V Stepping Motor Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63521EFV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD63521EFV-E2 Datasheet HTML 3Page - Rohm BD63521EFV-E2 Datasheet HTML 4Page - Rohm BD63521EFV-E2 Datasheet HTML 5Page - Rohm BD63521EFV-E2 Datasheet HTML 6Page - Rohm BD63521EFV-E2 Datasheet HTML 7Page - Rohm BD63521EFV-E2 Datasheet HTML 8Page - Rohm BD63521EFV-E2 Datasheet HTML 9Page - Rohm BD63521EFV-E2 Datasheet HTML 10Page - Rohm BD63521EFV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7/23
BD63521EFV
TSZ02201-0P2P0B701180-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
17.Aug.2016 Rev.001
www.rohm.com
TSZ22111・15・001
○CR/Connection terminal of CR for setting chopping frequency
This is the terminal to set the chopping frequency of output. Please connect the external C(470p~1500pF) and R(10k~
200kΩ) between this terminal and GND. Please refer to P9. Please interconnect from external components to GND in such
a way that the interconnection does not have impedance in common with other GND patterns. In addition, please carry out
the pattern design in such ways as keeps such steep pulses as square wave etc. away and that there is no noise plunging.
Please mount the two components of C and R if being used by PWM constant current control because normal PWM
constant current control becomes impossible if CR terminal is open or it is biased externally.
○MTH/ Current decay mode-setting terminal
This is the terminal to set the current decay mode. Current decay mode can be optionally set according to input voltage.
MTH terminal input voltage [V]
Current decay mode
0~0.3
SLOW DECAY
0.4~1.0
MIX DECAY
1.5~3.5
FAST DECAY
Please connect to GND if using at SLOW DECAY mode.
Please avoid using with MTH terminal open because if MTH terminal is open, the input is unsettled, and then there is the
danger that PWM operation becomes unstable. Besides, please take into consideration the outflow current (max.2µA) if
inputted by resistance division when selecting the resistance value.
○NC terminal
This terminal is unconnected electrically with IC internal circuit.
○IC back metal
For HTSSOP-B28 package, the heat-radiating metal is mounted on IC’s back side, and on the metal the heat-radiating
treatment is performed when in use, which becomes the precondition to use, so please secure sufficiently the
heat-radiating area by surely connecting by solder with the GND plane on the board and getting as wide GND pattern as
possible. Please be careful because the allowable loss as shown in P.20 cannot be secured if not connected by solder.
Moreover, the back side metal is shorted with IC chip’s back side and becomes the GND potential, so there is the danger
of malfunction and destruction if shorted with potentials other than GND, therefore please absolutely do not design
patterns other than GND through the IC’s back side.


Similar Part No. - BD63521EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63520AEFV-E2 ROHM-BD63520AEFV-E2 Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63524AEFV ROHM-BD63524AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63524EFV ROHM-BD63524EFV Datasheet
1Mb / 26P
   Low ON resistance DMOS output
More results

Similar Description - BD63521EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63524AEFV ROHM-BD63524AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63843EFV ROHM-BD63843EFV_12 Datasheet
267Kb / 9P
   Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6393FP-E2 ROHM-BD6393FP-E2 Datasheet
235Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6395FP-E2 ROHM-BD6395FP-E2 Datasheet
389Kb / 11P
   Standard 36V Stepping Motor Drivers
BD63801EFV ROHM-BD63801EFV_12 Datasheet
266Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63940EFV ROHM-BD63940EFV_12 Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
   36V Stepping Motor Driver
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
   36V Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com