Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63710AEFV Datasheet(PDF) 2 Page - Rohm

Part # BD63710AEFV
Description  36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63710AEFV Datasheet(HTML) 2 Page - Rohm

  BD63710AEFV_15 Datasheet HTML 1Page - Rohm BD63710AEFV_15 Datasheet HTML 2Page - Rohm BD63710AEFV_15 Datasheet HTML 3Page - Rohm BD63710AEFV_15 Datasheet HTML 4Page - Rohm BD63710AEFV_15 Datasheet HTML 5Page - Rohm BD63710AEFV_15 Datasheet HTML 6Page - Rohm BD63710AEFV_15 Datasheet HTML 7Page - Rohm BD63710AEFV_15 Datasheet HTML 8Page - Rohm BD63710AEFV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2/23
Datasheet
Datasheet
BD63710AEFV
TSZ02201-0P2P0B700460-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
16.Jun.2015 Rev.002
www.rohm.com
TSZ22111・15・001
OUT2B
RNF1S
OUT1A
VCC1
NC
MTH
VREF
PS
NC
RNF2S
GND
OUT1B
RNF1
RNF2
OUT2A
NC
VCC2
MODE1
MODE0
TEST
CLK
CW_CCW
ENABLE
NC
GND
CR
NC
NC
● Terminals Configuration Diagram
[TOP VIEW]
● Block Diagram
● Descriptions on Terminals
Pin No.
Pin name
Function
Pin No.
Pin name
Function
1
GND
Ground terminal
15
CLK
Clock input terminal for advancing the
electrical angle.
2
OUT1B
H bridge output terminal
16
CW_CC
W
Motor rotating direction setting terminal
3
RNF1
Connection terminal of resistor for
output current detection
17
TEST
Terminal for testing
(Used by connecting with GND)
4
RNF1S
Input
terminal
of
current
limit
comparator
18
MODE0
Motor excitation mode setting terminal
5
OUT1A
H bridge output terminal
19
MODE1
Motor excitation mode setting terminal
6
NC
Non connection
20
ENABLE
Output enable terminal
7
VCC1
Power supply terminal
21
NC
Non connection
8
NC
Non connection
22
VCC2
Power supply terminal
9
GND
Ground terminal
23
NC
Non connection
10
CR
Connection terminal of CR for setting
chopping frequency
24
OUT2A
H bridge output terminal
11
NC
Non connection
25
RNF2S
Input terminal of current limit comparator
12
MTH
Current decay mode setting terminal
26
RNF2
Connection terminal of resistor for output
current detection
13
VREF
Output current value setting terminal
27
OUT2B
H bridge output terminal
14
PS
Power save terminal
28
NC
Non connection
7
8
6
5
3
4
2
1
Figure.2 Terminals Configuration Diagram
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MODE0
MODE1
ENABLE
7 VCC1
Blank time
PWM control
Translator
2bit DAC
TSD
UVLO
Regulator
RESET
9 GND
10
CR
12
MTH
14
PS
15
CLK
18
19
16
20
VREF 13
2
OUT1B
5
OUT1A
3
RNF1
22 VCC2
24 OUT2A
1
GND
27
OUT2B
26
RNF2
17
TEST
Mix decay
control
OCP
OSC
RNF1S
4
RNF2S
25
OVLO
RNF1S
RNF2S
Figure.3 BD63710AEFV Block Diagram
CW_CCW


Similar Part No. - BD63710AEFV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63710AEFV-E2 ROHM-BD63710AEFV-E2 Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
More results

Similar Description - BD63710AEFV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63710AEFV ROHM-BD63710AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63715AEFV ROHM-BD63715AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63715AEFV ROHM-BD63715AEFV_15 Datasheet
942Kb / 27P
   36VHigh-performance High-reliability Withstand Voltage Stepping Motor Driver
BD63725BEFV ROHM-BD63725BEFV Datasheet
1Mb / 27P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63720AEFV ROHM-BD63720AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
4.Mar.2014 Rev.001
BD68710EFV ROHM-BD68710EFV Datasheet
1Mb / 24P
   High-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD68715EFV ROHM-BD68715EFV Datasheet
1Mb / 24P
   High-reliability Withstand Voltage Stepping Motor Driver
BD68720EFV ROHM-BD68720EFV Datasheet
1Mb / 24P
   High-reliability Withstand Voltage Stepping Motor Driver
BD63731EFV ROHM-BD63731EFV Datasheet
1Mb / 31P
   36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD6385EFV-LB ROHM-BD6385EFV-LB Datasheet
576Kb / 12P
   High Performance, High Reliability 36V Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com