Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD65492MUV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD65492MUV-E2
Description  Dual H-Bridge Driver High-Speed Switching Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65492MUV-E2 Datasheet(HTML) 2 Page - Rohm

  BD65492MUV-E2 Datasheet HTML 1Page - Rohm BD65492MUV-E2 Datasheet HTML 2Page - Rohm BD65492MUV-E2 Datasheet HTML 3Page - Rohm BD65492MUV-E2 Datasheet HTML 4Page - Rohm BD65492MUV-E2 Datasheet HTML 5Page - Rohm BD65492MUV-E2 Datasheet HTML 6Page - Rohm BD65492MUV-E2 Datasheet HTML 7Page - Rohm BD65492MUV-E2 Datasheet HTML 8Page - Rohm BD65492MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/14
BD65492MUV
TSZ02201-0H3H0B300440-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
09.Dec.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Pin Configuration
Pin Description
Block Diagram
Pin No.
Pin Name
Function
Pin No.
Pin Name
Function
1
PGND
Motor ground
13
N.C.
-
2
OUT1B
H-bridge output 1B
14
IN2A
Control logic input 2A
3
OUT1B
H-bridge output 1B
15
VCC
Power supply
4
OUT2B
H-bridge output 2B
16
GND
Ground
5
OUT2B
H-bridge output 2B
17
IN1A
Control logic input 1A
6
PGND
Motor ground
18
IN1B
Control logic input 1B
7
OUT2A
H-bridge output 2A
19
PWM
Drive mode logic input
8
OUT2A
H-bridge output 2A
20
N.C.
-
9
VM
Motor power supply
21
VM
Motor power supply
10
VM
Motor power supply
22
VM
Motor power supply
11
PS
Power-saving function
23
OUT1A
H-bridge output 1A
12
IN2B
Control logic input 2B
24
OUT1A
H-bridge output 1A
The pins of the same name, such as
VM, PGND, OUT1A, OUT1B, OUT2A
and OUT2B, must be shorted on
printed circuit boards.
PGND
1
2
OUT1B
OUT1B
OUT2B
OUT2B
PGND
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
IN1B
IN1A
GND
VCC
IN2A
N.C.
(TOP VIEW)
PS
VCC
OUT1A
OUT1B
VM
IN1A
BandGap
TSD & UVLO
11
17
15
24
3
22
Power Save
Level Shift
&
Pre Driver
IN1B 18
PWM 19
H-Bridge
Full ON
23
2
21
PGND
OUT2A
OUT2B
8
5
6
10
H-Bridge
Full ON
7
4
1
9
14
12
Level Shift
&
Pre Driver
GND
16
IN2A
IN2B
N.C.
13
N.C.
20
VM
Logic
Logic


Similar Part No. - BD65492MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65492MUV-E2 ROHM-BD65492MUV-E2 Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
More results

Similar Description - BD65492MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65494MUV ROHM-BD65494MUV Datasheet
894Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD63573NUV ROHM-BD63573NUV Datasheet
655Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD6376GUL ROHM-BD6376GUL_16 Datasheet
818Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65496MUV ROHM-BD65496MUV Datasheet
873Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
Supertex, Inc
MD7120 SUTEX-MD7120 Datasheet
802Kb / 6P
   High Speed, 200V, Full H-Bridge MOSFET Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com