Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD65492MUV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD65492MUV-E2
Description  Dual H-Bridge Driver High-Speed Switching Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65492MUV-E2 Datasheet(HTML) 5 Page - Rohm

  BD65492MUV-E2 Datasheet HTML 1Page - Rohm BD65492MUV-E2 Datasheet HTML 2Page - Rohm BD65492MUV-E2 Datasheet HTML 3Page - Rohm BD65492MUV-E2 Datasheet HTML 4Page - Rohm BD65492MUV-E2 Datasheet HTML 5Page - Rohm BD65492MUV-E2 Datasheet HTML 6Page - Rohm BD65492MUV-E2 Datasheet HTML 7Page - Rohm BD65492MUV-E2 Datasheet HTML 8Page - Rohm BD65492MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/14
BD65492MUV
TSZ02201-0H3H0B300440-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
09.Dec.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Typical Performance Curves (Reference data)
Figure 1.
Circuit Current vs Power Supply Voltage
(Stand-by Mode)
Figure 2.
Circuit Current vs Power Supply Voltage
(Open Mode)
Figure 3.
Output VDS vs Power Output Current
(Output On-Resistance on high-side, VM=5V, VCC=3V)
Figure 4.
Output VDS vs Power Output Current
(Output On-Resistance on low-side VM=5V, VCC=3V)
0.0
1.0
2.0
3.0
4.0
5.0
0
1
2
3
4
5
6
7
Power Supply Voltage : VCC [V]
Top
85°C
Mid
25°C
Low -30°C
Operating range
(2.5V to 5.5V)
0.0
1.0
2.0
3.0
0
1
2
3
4
5
6
7
Power Supply Voltage : VCC [V]
Top
85°C
Mid
25°C
Low -30°C
Operating range
(2.5V to 5.5V)
0
200
400
600
800
0
200
400
600
800
1000
Output Current : IOUT [mA]
Top
85°C
Mid
25°C
Low -30°C
0
200
400
600
800
0
200
400
600
800
1000
Output Current : IOUT [mA]
Top
85°C
Mid
25°C
Low -30°C


Similar Part No. - BD65492MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65492MUV-E2 ROHM-BD65492MUV-E2 Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
More results

Similar Description - BD65492MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65494MUV ROHM-BD65494MUV Datasheet
894Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD63573NUV ROHM-BD63573NUV Datasheet
655Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD6376GUL ROHM-BD6376GUL_16 Datasheet
818Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65496MUV ROHM-BD65496MUV Datasheet
873Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
Supertex, Inc
MD7120 SUTEX-MD7120 Datasheet
802Kb / 6P
   High Speed, 200V, Full H-Bridge MOSFET Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com