Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD68610EFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD68610EFV-E2
Description  36V Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD68610EFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD68610EFV-E2 Datasheet HTML 7Page - Rohm BD68610EFV-E2 Datasheet HTML 8Page - Rohm BD68610EFV-E2 Datasheet HTML 9Page - Rohm BD68610EFV-E2 Datasheet HTML 10Page - Rohm BD68610EFV-E2 Datasheet HTML 11Page - Rohm BD68610EFV-E2 Datasheet HTML 12Page - Rohm BD68610EFV-E2 Datasheet HTML 13Page - Rohm BD68610EFV-E2 Datasheet HTML 14Page - Rohm BD68610EFV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/19
BD68610EFV
TSZ02201-0P2P0B700550-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Mar.2014 Rev.001
www.rohm.com
TSZ22111・15・001
Controlled by 6 logic signals of PHASE1,PHASE2, I01,I11,I02, and I12
Controlled by 6 logic signals of PHASE1,PHASE2, I01,I11,I02, and I12
HALF STEP B
QUARTER STEP
2
8
6
4
100%
67%
33%
1
5
7
3
OUT1A
OUT2B
OUT2A
OUT1B
OUT1A
3
15
11
7
100%
67%
33%
2
9
13
5
16
14
12
6
8
1
4
2
10
OUT1B
OUT2A
OUT2B
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
IOUT(CH2)
IOUT(CH1)
I02
I12
I01
I11
PHASE1
PHASE2
⑦ ⑧
I01
I11
PHASE1
PHASE2
③ ④ ⑤ ⑥
IOUT(CH2)
IOUT(CH1)
① ②
I02
I12
⑨ ⑩ ⑪ ⑫ ⑬ ⑭ ⑮ ⑯


Similar Part No. - BD68610EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD68620EFV ROHM-BD68620EFV Datasheet
1Mb / 23P
   Stepping Motor Driver
BD68620EFV-E2 ROHM-BD68620EFV-E2 Datasheet
1Mb / 23P
   Stepping Motor Driver
More results

Similar Description - BD68610EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
   36V Stepping Motor Driver
BD60223FP ROHM-BD60223FP Datasheet
2Mb / 29P
   36V Stepping Motor Driver
BD63610AEFV ROHM-BD63610AEFV Datasheet
1Mb / 25P
   36V Stepping Motor Driver
BD6290EFV ROHM-BD6290EFV_12 Datasheet
261Kb / 9P
   Standard 36V Stepping Motor Driver
BD63888AEKV ROHM-BD63888AEKV Datasheet
1Mb / 28P
   36V 2ch Stepping Motor Driver
BD6290EFV-E ROHM-BD6290EFV-E Datasheet
236Kb / 9P
   Standard 36V Stepping Motor Driver
BD63888MUV ROHM-BD63888MUV Datasheet
1Mb / 28P
   36V 2ch Stepping Motor Driver
BD68888AEKV ROHM-BD68888AEKV Datasheet
1Mb / 24P
   36V 2ch Stepping Motor Driver
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
BD68888MUV ROHM-BD68888MUV Datasheet
1Mb / 23P
   36V 2ch Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com