Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD68620EFV Datasheet(PDF) 10 Page - Rohm

Part # BD68620EFV
Description  Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD68620EFV Datasheet(HTML) 10 Page - Rohm

Back Button BD68620EFV Datasheet HTML 6Page - Rohm BD68620EFV Datasheet HTML 7Page - Rohm BD68620EFV Datasheet HTML 8Page - Rohm BD68620EFV Datasheet HTML 9Page - Rohm BD68620EFV Datasheet HTML 10Page - Rohm BD68620EFV Datasheet HTML 11Page - Rohm BD68620EFV Datasheet HTML 12Page - Rohm BD68620EFV Datasheet HTML 13Page - Rohm BD68620EFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/19
Datasheet
Datasheet
BD68620EFV
TSZ02201-0P2P0B700140-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
30.May.2014 Rev.002
www.rohm.com
TSZ22111・15・001
PARALLEL-IN drive mode
It is possible to drive stepping motor with FULL STEP, HALF STEP, and QUARTER STEP by inputting the following motor
control signals using PARALLEL-IN drive mode.
Examples of control sequence and torque vector
Controlled by 2 logic signals of PHASE1 & PHASE2
Controlled by 4 logic signals of PHASE1,PHASE2, I01(I11), and I02(I12)
HALF STEP A
2
8
6
4
100%
67%
33%
1
5
7
3
OUT1A
OUT2B
OUT2A
OUT1B
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
I01
I02
I11
PHASE1
PHASE2
①②
I12
IOUT(CH1)
IOUT(CH2)
I11
I01
I02
PHASE1
PHASE2
⑤⑥⑦
①②③④
I12
IOUT(CH2)
IOUT(CH1)
FULL STEP
4
3
2
100%
67%
33%
OUT2B
OUT1B
OUT2A
OUT1A
1


Similar Part No. - BD68620EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
   36V Stepping Motor Driver
BD68610EFV-E2 ROHM-BD68610EFV-E2 Datasheet
1Mb / 23P
   36V Stepping Motor Driver
More results

Similar Description - BD68620EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com