Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD68715EFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD68715EFV-E2
Description  High-reliability Withstand Voltage Stepping Motor Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD68715EFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD68715EFV-E2 Datasheet HTML 7Page - Rohm BD68715EFV-E2 Datasheet HTML 8Page - Rohm BD68715EFV-E2 Datasheet HTML 9Page - Rohm BD68715EFV-E2 Datasheet HTML 10Page - Rohm BD68715EFV-E2 Datasheet HTML 11Page - Rohm BD68715EFV-E2 Datasheet HTML 12Page - Rohm BD68715EFV-E2 Datasheet HTML 13Page - Rohm BD68715EFV-E2 Datasheet HTML 14Page - Rohm BD68715EFV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/20
BD68715EFV
TSZ02201-0P2P0B701220-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
10.Jun.2016 Rev.001
www.rohm.com
TSZ22111・15・001
●PARALLEL-IN drive mode
It is possible to drive stepping motor with FULL STEP, HALF STEP, and QUARTER STEP by inputting the following motor
control signals using PARALLEL-IN drive mode.
Examples of control sequence and torque vector
Controlled by 2 logic signals of PHASE1 & PHASE2
Controlled by 4 logic signals of PHASE1,PHASE2, I01(I11), and I02(I12)
HALF STEP A
2
8
6
4
100%
67%
33%
1
5
7
3
OUT1A
OUT2B
OUT2A
OUT1B
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
100%
67%
33%
-33%
-67%
-100%
I01
I02
I11
PHASE1
PHASE2
I12
IOUT(CH1)
IOUT(CH2)
I11
I01
I02
PHASE1
PHASE2
I12
IOUT(CH2)
IOUT(CH1)
FULL STEP
4
3
2
100%
67%
33%
OUT2B
OUT1B
OUT2A
OUT1A
1


Similar Part No. - BD68715EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD68710EFV ROHM-BD68710EFV Datasheet
1Mb / 24P
   High-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD68710EFV-E2 ROHM-BD68710EFV-E2 Datasheet
1Mb / 24P
   High-performance, High-reliability Withstand Voltage Stepping Motor Driver
More results

Similar Description - BD68715EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD68720EFV ROHM-BD68720EFV Datasheet
1Mb / 24P
   High-reliability Withstand Voltage Stepping Motor Driver
BD68710EFV ROHM-BD68710EFV Datasheet
1Mb / 24P
   High-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63710AEFV ROHM-BD63710AEFV_15 Datasheet
942Kb / 27P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63710AEFV ROHM-BD63710AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63715AEFV ROHM-BD63715AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63715AEFV ROHM-BD63715AEFV_15 Datasheet
942Kb / 27P
   36VHigh-performance High-reliability Withstand Voltage Stepping Motor Driver
BD63725BEFV ROHM-BD63725BEFV Datasheet
1Mb / 27P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD63720AEFV ROHM-BD63720AEFV Datasheet
886Kb / 26P
   36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
4.Mar.2014 Rev.001
BD63731EFV ROHM-BD63731EFV Datasheet
1Mb / 31P
   36 V High-performance, High-reliability Withstand Voltage Stepping Motor Driver
BD65520MUV ROHM-BD65520MUV Datasheet
2Mb / 76P
   High-efficiency 36 V Withstand Voltage Stepping Motor Drive
14.Oct.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com