Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9799KV Datasheet(PDF) 7 Page - Rohm

Part # BU9799KV
Description  Standard LCD Segment Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9799KV Datasheet(HTML) 7 Page - Rohm

Back Button BU9799KV Datasheet HTML 3Page - Rohm BU9799KV Datasheet HTML 4Page - Rohm BU9799KV Datasheet HTML 5Page - Rohm BU9799KV Datasheet HTML 6Page - Rohm BU9799KV Datasheet HTML 7Page - Rohm BU9799KV Datasheet HTML 8Page - Rohm BU9799KV Datasheet HTML 9Page - Rohm BU9799KV Datasheet HTML 10Page - Rohm BU9799KV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Datasheet
Datasheet
7/24
TSZ02201-0A0A2D300040-1-2
23.Jan.2015 Rev.003
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU9799KV
MAX 200 segments (SEG50×COM4)
Command transfer method
Issue Slave Address (“01111100”) after generation of “START condition”.
1byte after Slave Address always becomes command input.
MSB (“command or data judge bit”) of command decide if next data is command or display data.
When set “command or data judge bit”=‘1’, next byte data is command.
When set “command or data judge bit”=‘0’, next byte data is display data.
Slave address A 1
S
Command A 1 Command A 1 Command A 0 Command A
… P
Display Data
When display data is transferred, inputting of command is not allowed
When one wants to input command again, please generate “START condition” once.
If “START condition” or “STOP condition” are inputted in the middle of command transmission, command will be
canceled.
If Slave address is inputted after “START condition”, execution of command is allowed.
Please input “Slave Address” in the first data transmission after “START condition”.
When Slave Address cannot be recognized in the first data transmission, Acknowledge does not return and next
transmission will be invalid. When data transmission is invalid status, if “START conditions” are transmitted again, it will
return to valid status.
Take care to observe MPU Interface characteristic such as Input rise time and Setup/Hold time when transferring
command and data (Refer to MPU Interface).
Write display and transfer method
This device has Display Data RAM (DDRAM) of 50×4=200bits.
The relationship between data input and display data, DDRAM data and address are as follows;
01111100
A 0
S
0000000
A a b c d e f g h A i j k l m n o p
A … P
Display Data
Slave address
Command
8 bit data will be stored in DDRAM. The address to be written is the address specified by ADSET command, and the
address is automatically incremented in every 4bit data.
Data can be continuously written in DDRAM by transmitting Data continuously.
(When RAM data is written successively after writing RAM data to 31h (SEG49), the address is returned to 00h (SEG0)
by the auto-increment function.
DDRAM address
00
01
02
03
04
05
06
07
・・・
2Fh
30h
31h
BIT
0
a
e
i
m
COM0
1
b
f
j
n
COM1
2
c
g
k
o
COM2
3
d
h
l
p
COM3
SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7
SEG47 SEG48 SEG49
Data transfer to DDRAM happens every 4bit data.
So it will be finished to transfer with no need to wait ACK.


Similar Part No. - BU9799KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9799KV ROHM-BU9799KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
More results

Similar Description - BU9799KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9794AKV ROHM-BU9794AKV Datasheet
1Mb / 26P
   Standard LCD Segment Driver
BU9796AFS-E2 ROHM-BU9796AFS-E2 Datasheet
682Kb / 32P
   Standard LCD Segment Driver
BU9796AFS ROHM-BU9796AFS Datasheet
679Kb / 31P
   Standard LCD Segment Driver
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com