Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU91520KV-E2 Datasheet(PDF) 8 Page - Rohm

Part # BU91520KV-E2
Description  Low Duty LCD Segment Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU91520KV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BU91520KV-E2 Datasheet HTML 4Page - Rohm BU91520KV-E2 Datasheet HTML 5Page - Rohm BU91520KV-E2 Datasheet HTML 6Page - Rohm BU91520KV-E2 Datasheet HTML 7Page - Rohm BU91520KV-E2 Datasheet HTML 8Page - Rohm BU91520KV-E2 Datasheet HTML 9Page - Rohm BU91520KV-E2 Datasheet HTML 10Page - Rohm BU91520KV-E2 Datasheet HTML 11Page - Rohm BU91520KV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8/41
BU91520KV-M
TSZ02201-0P4P0D301340-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
22.Jan.2016 Rev.001
www.rohm.com
TSZ22111・15・001
(2) When SCL is stopped at the high level
Device Code
Display Data
Control Data
DD
8bit
72bit
22bit
2bit
Device Code
Display Data
Control Data
DD
8bit
84bit
10bit
2bit
Device Code
Display Data
Control Data
DD
8bit
60bit
34bit
2bit
Device Code
Display Data
Control Data
DD
8bit
60bit
34bit
2bit
D1
D73
D157
D217
PG4
PG5
1
PG6
PF0
PF1
PF2
PF3
0
D156
PG1
PG2
PG3
D152
D153
D154
D155
D148
D149
D150
D151
D144
D145
D146
D147
D74
D143
0
0
0
0
1
0
1
0
0
1
B0
B1
B2
B3
A0
A1
A2
A3
W60
1
W47
W50
W51
W56
W61
W66
W67
0
W57
0
0
W40
W41
W46
0
0
0
0
D218
D276
0
0
0
0
1
0
1
0
0
0
B0
B1
B2
B3
A0
A1
A2
A3
W30
1
W17
W20
W21
W26
W31
W36
W37
W27
0
0
W10
W11
W16
0
0
0
D216
0
0
1
D158
0
0
B0
B1
0
1
0
0
B2
B3
A2
A3
A0
A1
0
B0
B1
B2
B3
A0
A1
A2
A3
OC
BU0
KM0
KM1
KM2
P0
P1
P2
0
FL
DR
DT
FC0
FC1
FC2
BU1
BU2
SC
0
0
D2
D71
D72
0
0
0
0
0
1
0
1
0
0
Figure 8. 3-SPI Data Transfer Format
(Note7)
(Note7) DD is direction data.
Device code ---------------------------------- ”42H”
D1 to D162 ----------------------------------- Display data
KM0 to KM2 ---------------------------------- Key Scan output port/Segment output port switching control data
P0 to P2 --------------------------------------- Segment output port/general-purpose output port switching control data
FL ----------------------------------------------- Inversion type select control data
DR ---------------------------------------------- 1/3-Bias or 1/2-Bias drive switching control data
DT ---------------------------------------------- 1/4-Duty or 1/3-Duty drive switching control data
FC0 to FC2 ----------------------------------- Common/segment output waveform frame frequency setting control data
OC ---------------------------------------------- Internal oscillator operating mode/External clock operating mode switching control data
SC ----------------------------------------------- Segment on/off control data
BU0 to BU2 ----------------------------------- Normal mode/power-saving mode control data
PG1 to PG6 ----------------------------------- PWM/General Purpose output select data
PF0 to PF3 ------------------------------------ PWM output waveform frame frequency setting control data.
Wn0 to Wn7 (n=1 to 6) --------------------- PWM output duty setting control data
SCE
SCL
L
SDI


Similar Part No. - BU91520KV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91501KV-E2 ROHM-BU91501KV-E2 Datasheet
2Mb / 34P
   Multi- function LCD Segment Drivers
BU91501KV-M ROHM-BU91501KV-M Datasheet
2Mb / 34P
   Multi- function LCD Segment Drivers
BU91510KV-E2 ROHM-BU91510KV-E2 Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU91510KV-M ROHM-BU91510KV-M Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU91530KVT-E2 ROHM-BU91530KVT-E2 Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
More results

Similar Description - BU91520KV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91600FV-M ROHM-BU91600FV-M Datasheet
4Mb / 67P
   Low Duty LCD Segment Driver
BU9795BGUW ROHM-BU9795BGUW Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver
BU91R63CH-M3BW ROHM-BU91R63CH-M3BW Datasheet
2Mb / 37P
   Low Duty LCD Segment Driver
BU91796MUF-M ROHM-BU91796MUF-M Datasheet
1Mb / 27P
   Low Duty LCD Segment Driver for Automotive application
BU91797MUF-M ROHM-BU91797MUF-M Datasheet
2Mb / 27P
   Low Duty LCD Segment Driver for Automotive application
BU91796FS-M ROHM-BU91796FS-M Datasheet
2Mb / 28P
   Low Duty LCD Segment Driver for Automotive Application
BU91799KV-M ROHM-BU91799KV-M Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver for Automotive Application
BU97960MUV ROHM-BU97960MUV Datasheet
2Mb / 33P
   Low Duty LCD Segment Drivers
BU97950AFUV ROHM-BU97950AFUV Datasheet
2Mb / 33P
   Low Duty LCD Segment Drivers
BU91R65CH-M3BW ROHM-BU91R65CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com