Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU91797MUF-ME2 Datasheet(PDF) 10 Page - Rohm

Part # BU91797MUF-ME2
Description  Low Duty LCD Segment Driver for Automotive application
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU91797MUF-ME2 Datasheet(HTML) 10 Page - Rohm

Back Button BU91797MUF-ME2 Datasheet HTML 6Page - Rohm BU91797MUF-ME2 Datasheet HTML 7Page - Rohm BU91797MUF-ME2 Datasheet HTML 8Page - Rohm BU91797MUF-ME2 Datasheet HTML 9Page - Rohm BU91797MUF-ME2 Datasheet HTML 10Page - Rohm BU91797MUF-ME2 Datasheet HTML 11Page - Rohm BU91797MUF-ME2 Datasheet HTML 12Page - Rohm BU91797MUF-ME2 Datasheet HTML 13Page - Rohm BU91797MUF-ME2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10/23
BU91797MUF-M
MAX 144 segments (SEG36×COM4)
Datasheet
TSZ02201-0P4P0D301040-1-2
21.Dec.2015 Rev.001
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Detailed Command Description
D7 (MSB) is a command or data judgment bit.
Refer to Command and data transfer method.
C: 0: Next byte is RAM write data.
1: Next byte is command.
Set IC Operation (ICSET)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
1
1
0
1
P2
P1
P0
P2: MSB data of DDRAM address. Refer to “ADSET” command.
Set software reset execution.
Setup
P1
No operation
0
Software Reset Execute
1
When “Software Reset” is executed, BU91797MUF-M is reset to initial condition.
(Refer to Reset initialize condition)
Don’t set Software Reset (P1) with P2, P0 at the same time.
Set oscillator mode
Setup
P0
Reset initialize condition
Internal clock
0
External clock
1
Internal clock mode: OSCIN must be connected to VSS level.
External clock mode: Input external clock from OSCIN terminal..
<Frame frequency Calculation at external clock mode>
DISCTL 80Hz setting: Frame frequency [Hz] = external clock [Hz] / 512
DISCTL 71Hz setting: Frame frequency [Hz] = external clock [Hz] / 576
DISCTL 64Hz setting: Frame frequency [Hz] = external clock [Hz] / 648
DISCTL 53Hz setting: Frame frequency [Hz] = external clock [Hz] / 768
Figure 13. OSC MODE Switch Timing
Command
ICSET
OSCIN_EN
(
(
Internal signal )
Internal clock mode
External clock mode
Internal oscillation
( Internal signal )
External clock
( OSCIN )


Similar Part No. - BU91797MUF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91796FS-M ROHM-BU91796FS-M Datasheet
2Mb / 28P
   Low Duty LCD Segment Driver for Automotive Application
BU91796MUF-M ROHM-BU91796MUF-M Datasheet
1Mb / 27P
   Low Duty LCD Segment Driver for Automotive application
BU91796MUF-ME2 ROHM-BU91796MUF-ME2 Datasheet
1Mb / 27P
   Low Duty LCD Segment Driver for Automotive application
BU91799KV-M ROHM-BU91799KV-M Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver for Automotive Application
BU91799KV-ME2 ROHM-BU91799KV-ME2 Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver for Automotive Application
More results

Similar Description - BU91797MUF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91796MUF-M ROHM-BU91796MUF-M Datasheet
1Mb / 27P
   Low Duty LCD Segment Driver for Automotive application
BU91796FS-M ROHM-BU91796FS-M Datasheet
2Mb / 28P
   Low Duty LCD Segment Driver for Automotive Application
BU91799KV-M ROHM-BU91799KV-M Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver for Automotive Application
BU91R65CH-M3BW ROHM-BU91R65CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
BU91R64CH-M3BW ROHM-BU91R64CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
BU91520KV-M ROHM-BU91520KV-M Datasheet
3Mb / 45P
   Low Duty LCD Segment Driver
BU91600FV-M ROHM-BU91600FV-M Datasheet
4Mb / 67P
   Low Duty LCD Segment Driver
BU9795BGUW ROHM-BU9795BGUW Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver
BU91R63CH-M3BW ROHM-BU91R63CH-M3BW Datasheet
2Mb / 37P
   Low Duty LCD Segment Driver
BU97960MUV ROHM-BU97960MUV Datasheet
2Mb / 33P
   Low Duty LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com