Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRP1770TA-680M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP1770TA-680M
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1770TA-680M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP1770TA-680M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1770TA-680M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1770TA-680M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SRP1770TA Series - Shielded Power Inductors
REV. 09/16
DIMENSIONS:
MM
(INCHES)
QTY: 300 PCS. PER REEL
12.0
(.472)
32.0 ± 0.5
(1.260 ± .020)
2.0 ± 0.5
(.079 ± .020)
100 ± 2
(3.937 ± .079)
330
(12.992)
DIA.
13.5 ± 0.5
(.531 ± .020)
DIA.
L vs. I Charts (Continued)
0
0
2.6
10.4
5.2
7.8
13.0
20
40
80
100
0
DC Current (A)
SRP1770TA-680M
14
56
70
28
42
60
0
0
2.4
9.6
4.8
7.2
12.0
30
60
120
150
0
DC Current (A)
SRP1770TA-101M
24
96
120
48
72
90
USER DIRECTION OF FEED
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.05
(.079 ± .002)
7.5 ± 0.1
(.295 ± .004)
0.5 ± 0.05
(.020 ± .002)
1.5 ± 0.1
(.059 ± .004)
DIA.
1.75 ± 0.1
(.069 ± .004)
24.0 ± 0.1
(.945 ± .004)
28.4 ± 0.10
(1.118 ± .004)
32.0 ± 0.3
(1.260 ± .112)
14.2 ± 0.1
(.559 ± .004)
12.6 ± 0.1
(.496 ± .004)
17.5 ± 0.1
(.689 ± .004)
18.5 ± 0.1
(.728 ± .004)
17.5 ± 0.1
(.689 ± .004)
Packaging Specifications


Similar Part No. - SRP1770TA-680M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1770TA-680M BOURNS-SRP1770TA-680M Datasheet
552Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SRP1770TA-680M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com