Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC11R-4315F-N0012 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC11R-4315F-N0012
Description  12 mm Incremental Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11R-4315F-N0012 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC11R-4315F-N0012 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11R-4315F-N0012 Datasheet HTML 2Page - Bourns Electronic Solutions PEC11R-4315F-N0012 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
PEC11RSeries-12mmIncrementalEncoder
Product Dimensions
DIMENSIONS:
MM
(INCHES)
L
LB
F
15
(.591)
5.0
(.197)
7.0
(.276)
20
(.787)
7.0
(.276)
10.0
(.394)
25
(.984)
7.0
(.276)
12.0
(.472)
30
(1.181)
7.0
(.276)
12.0
(.472)
Applications
Levelcontrol,tuningandtimersettingsin:
n
Audio-visualequipment
n
Consumerelectricappliances
n
Radios
n
Musicalinstrumentation
n
Communicationsequipment
L
F
LB
SWITCH
TRAVEL
6.5
(.256)
4.5 +0/-0.05
(.177 +0/-.002)
3.7
(.146)
0.5
(.020)
MOUNTING
SURFACE
13.2
(.520)
12.5
(.492)
12.5
(.492)
13.4
(.528)
7.5
(.295)
2 PLCS.
2.6 +0.2/-0
(.102 +.008/-0)
1.0 +0.1/-0
(.039 +.004/-0)
DIA. 3 PLCS.
PEC11R-4xxxF-Sxxxx
PEC11R-4xxxF-Nxxxx
14.0
(.551)
3 PLCS.
0.8
(.031)
5.0
(.197)
M7 X
0.75
(.030)
C
0.5
(.020)
5.0
(.197)
C
B
A
C
B
A
C
B
A CHANNEL A
COMMON
CHANNEL B
5.0
(.197)
1.8 +0.2/-0
(.071 +.008/-0)
2 PLCS.
4.5 +0/-0.05
(.177 +0/-.002)
6.0
(.236)
DIA.
M7 X
P
C
7.5
(.295)
2.5
(.098)
3.7
(.146)
0.75
(.030)
0.5
(.020)
F
MOUNTING SURFACE
L
6.5
(.256)
LB
6.0
(.236)
DIA.
5.0
(.197)
13.4
(.528)
5.0
(.197)
B
C
A
2
1
C
B
A CHANNEL A
COMMON
CHANNEL B
14.0
(.551)
3 PLCS.
0.8
(.031)
13.2
(.520)
7.5
(.295)
7.0
(.276)
1.0 +0.1/-0
(.039 +.004/-0)
DIA. 5 PLCS.
C
B
A
5.0
(.197)
2
1
P
7.5
(.295)
2.5
(.098)
7.0
(.276)
1.8 +0.2/-0
(.071 +.008/-0)
2 PLCS.
2 PLCS.
2.6 +0.2/-0
(.102 +.008/-0)
TOLERANCES: < 10 = ± 0.3
(.394)
(.012)
10 = ± 0.5
(.394)
(.020)
Suggested Filter Circuit
Switch Circuit
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12


Similar Part No. - PEC11R-4315F-N0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R-4315F-N0012 BOURNS-PEC11R-4315F-N0012 Datasheet
311Kb / 3P
   12 mm Incremental Encoder
More results

Similar Description - PEC11R-4315F-N0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com