Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW40N120H3 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKW40N120H3
Description  1200V high speed switching series third generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N120H3 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKW40N120H3 Datasheet HTML 3Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 4Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 5Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 6Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 7Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 8Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 9Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 10Page - Infineon Technologies AG IKW40N120H3 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
IKW40N120H3
Highspeedswitchingseriesthirdgeneration
Rev.2.1,2014-11-26
Figure 1.
Collectorcurrentasafunctionofswitching
frequency
(Tj
≤175°C,D=0.5,VCE=600V,VGE=15/0V,
rG=12
Ω)
f,SWITCHINGFREQUENCY[kHz]
1
10
100
1000
0
20
40
60
80
100
120
140
160
TC=80°
TC=110°
TC=80°
TC=110°
Figure 2.
Forwardbiassafeoperatingarea
(D=0,TC=25°C,Tj
≤175°C;VGE=15V)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
1
10
100
1000
0.1
1
10
100
tp=1µs
10µs
50µs
100µs
200µs
500µs
DC
Figure 3.
Powerdissipationasafunctionofcase
temperature
(Tj
≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
100
200
300
400
500
Figure 4.
Collectorcurrentasafunctionofcase
temperature
(VGE
≥15V,Tj≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
20
40
60
80


Similar Part No. - IKW40N120H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N120CS6 INFINEON-IKW40N120CS6 Datasheet
1Mb / 16P
   High speed soft switching TRENCHSTOPTM IGBT 6 in Trench and Fieldstop technology copacked with soft and fast recovery anti-parallel diode
V2.1 2018-05-07
IKW40N120CS7 INFINEON-IKW40N120CS7 Datasheet
2Mb / 16P
   Short circuit rugged 1200 V TRENCHSTOP??IGBT 7 technology copacked with soft and fast recovery Emitter Controlled 7 diode
datasheet 1.00 2021-03-17
IKW40N120T2 INFINEON-IKW40N120T2 Datasheet
380Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop
Rev. 2.2 Sep 08
IKW40N120T2 INFINEON-IKW40N120T2 Datasheet
598Kb / 15P
   IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.4 23.09.2014
IKW40N120T2 INFINEON-IKW40N120T2_14 Datasheet
598Kb / 15P
   IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.4 23.09.2014
More results

Similar Description - IKW40N120H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25N120H3 INFINEON-IKW25N120H3 Datasheet
2Mb / 16P
   1200V high speed switching series third generation
Rev.2.1,2014-12-01
IGW40N120H3 INFINEON-IGW40N120H3 Datasheet
1Mb / 14P
   1200V high speed switching series third generation
Rev.2.2,2014-11-26
IGW15N120H3 INFINEON-IGW15N120H3_14 Datasheet
1Mb / 14P
   1200V high speed switching series third generation
Rev.2.1,2014-12-01
IKW15N120H3 INFINEON-IKW15N120H3_14 Datasheet
2Mb / 16P
   1200V high speed switching series third generation
Rev.2.1,2014-12-01
IGA30N60H3 INFINEON-IGA30N60H3 Datasheet
1Mb / 15P
   High speed switching series third generation
2010-07-21 revision:2.1
IGP20N60H3 INFINEON-IGP20N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IGP30N60H3 INFINEON-IGP30N60H3 Datasheet
2Mb / 14P
   High speed switching series third generation
Rev.2.2,2014-03-11
IKW40N60H3 INFINEON-IKW40N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.4,2014-03-12
IKW50N60H3 INFINEON-IKW50N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.2,2014-03-12
IGW75N60H3 INFINEON-IGW75N60H3 Datasheet
1Mb / 14P
   High speed switching series third generation
2011-12-13 revision:1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com