Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW40N65WR5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKW40N65WR5
Description  Reverse conducting IGBT with monolithic body diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N65WR5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKW40N65WR5_16 Datasheet HTML 1Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 2Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 3Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 4Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 5Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 6Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 7Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 8Page - Infineon Technologies AG IKW40N65WR5_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
IKW40N65WR5
ReverseConductionSeries
Rev.2.1,2015-12-10
MaximumRatings
Foroptimumlifetimeandreliability,Infineonrecommendsoperatingconditionsthatdonotexceed80%ofthemaximumratingsstatedinthisdatasheet.
Parameter
Symbol
Value
Unit
Collector-emittervoltage,Tvj
≥25°C
VCE
650
V
DCcollectorcurrent,limitedbyTvjmax
TC=25°Cvaluelimitedbybondwire
TC=130°C
IC
80.0
40.0
A
Pulsedcollectorcurrent,tplimitedbyTvjmax
ICpuls
120.0
A
Turn off safe operating area
VCE
≤650V,Tvj≤175°C,tp=1µs
-
120.0
A
Diodeforwardcurrent,limitedbyTvjmax
TC=25°Cvaluelimitedbybondwire
TC=100°C
IF
32.0
19.0
A
Diodepulsedcurrent,tplimitedbyTvjmax
IFpuls
120.0
A
Gate-emitter voltage
VGE
±20
V
PowerdissipationTC=25°C
PowerdissipationTC=130°C
Ptot
230.0
115.0
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
wave soldering 1.6mm (0.063in.) from case for 10s
260
°C
Mounting torque, M3 screw
Maximum of mounting processes: 3
M
0.6
Nm
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
IGBT thermal resistance,
junction - case
Rth(j-c)
0.65
K/W
Diode thermal resistance,
junction - case
Rth(j-c)
2.85
K/W
Thermal resistance
junction - ambient
Rth(j-a)
40
K/W


Similar Part No. - IKW40N65WR5_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
More results

Similar Description - IKW40N65WR5_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
IHW20N120R2 INFINEON-IHW20N120R2 Datasheet
375Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com