Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622024500 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622024500
Description  Impact 4 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622024500 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622024500 Datasheet HTML 1Page - Molex Electronics Ltd. 0622024500 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/16/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0782131011
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 4 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length
6.90mm , LCP, Glass Filled UL94-V0, Black, Tray Packaging, Lead-Free
Documents:
3D Model
Packaging Specification PK-78213-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-78213-001-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
78213
Application
Conventional, Coplanar
Application Tooling Documents
TM-622018799
Component Type
Power Header
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
883906264918
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
8.753/g
Number of Columns
N/A
Number of Pairs
4
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.00mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
5.20mm
Pitch - Termination Interface
2.00mm, 3.20mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
78213 Series
Mates With
78214 Impact™ Vertical Receptacle, 78350
Right Angle Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Impact™ Power
Module Right Angle
Removal Tool
0622024500


Similar Part No. - 0622024500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622024500 MOLEX11-0622024500 Datasheet
31Kb / 1P
   Impact Power Module Right Angle Removal Tool
0622024500 MOLEX11-0622024500 Datasheet
41Kb / 2P
   Impact 4 Pair, Right Angle Power Header, Left Hold-Down
0622024500 MOLEX11-0622024500 Datasheet
41Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 6.90mm B1 & B2 Length 5.70mm
0622024500 MOLEX11-0622024500 Datasheet
42Kb / 2P
   Impact 5 Pair, Right Angle Power Header, 2 Modules with Left Hold-Down
0622024500 MOLEX11-0622024500 Datasheet
44Kb / 2P
   Impact 3 Pair, Right Angle Power Header, 2 Modules with Left Hold-Down
More results

Similar Description - 0622024500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782111011 MOLEX11-0782111011 Datasheet
42Kb / 2P
   Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
0782151011 MOLEX11-0782151011 Datasheet
36Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length 6.90mm
0782111011 MOLEX1-0782111011_17 Datasheet
41Kb / 2P
   Impact 3 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2, B1 & B2 Length 6.90mm
0782171077 MOLEX11-0782171077 Datasheet
41Kb / 2P
   Impact 6 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 and B1 & B2 6.90mm
0782151044 MOLEX11-0782151044 Datasheet
41Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 6.90mm B1 & B2 Length 5.70mm
0782131022 MOLEX1-0782131022_17 Datasheet
41Kb / 2P
   Impact 4 Pair Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 B2 Length
0782171077 MOLEX1-0782171077_17 Datasheet
40Kb / 2P
   Impact 6 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2 and B1 B2 6.90mm
0782131011 MOLEX1-0782131011_17 Datasheet
40Kb / 2P
   Impact 4 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2, B1 & B2 Length
0782151022 MOLEX1-0782151022_17 Datasheet
40Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 A2, B1 & B2 Length
0782151011 MOLEX1-0782151011_17 Datasheet
34Kb / 2P
   Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2, B1 & B2 Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com