Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1352F-225AI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1352F-225AI
Description  4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352F-225AI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1352F-225AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1352F-225AI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C1352F
Document #: 38-05211 Rev. *C
Page 6 of 13
WRITE ABORT
(Continue Burst)
Next
X
L
H
X
H
X
L
L-H
three-state
IGNORE CLOCK EDGE
(Stall)
Current
X
L
X
X
X
X
H
L-H
SNOOZE MODE
None
X
H
X
X
X
X
X
X
three-state
Truth Table for Read/Write [ 2, 3]
Function
WE
BWB
BWA
Read
H
X
X
Write
− No bytes written
L
H
H
Write Byte A
− (DQA and DQPA)L
H
L
Write Byte B
− (DQB and DQPB)L
L
H
Write All Bytes
L
L
L
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Snooze mode standby current
ZZ > VDD − 0.2V
40
mA
tZZS
Device operation to ZZ
ZZ > VDD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to snooze current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit snooze current
This parameter is sampled
0
ns
Truth Table [2, 3, 4, 5, 6, 7, 8] (continued)
Operation
Address
Used
CE
ZZ
ADV/LD
WE
BWx
OE
CEN
CLK
DQ


Similar Part No. - CY7C1352F-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-100AC CYPRESS-CY7C1352-100AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-133AC CYPRESS-CY7C1352-133AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-143AC CYPRESS-CY7C1352-143AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-80AC CYPRESS-CY7C1352-80AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1352F-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com