Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24212-3 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY24212-3
Description  MediaClock MPEG Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24212-3 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY24212-3 Datasheet HTML 1Page - Cypress Semiconductor CY24212-3 Datasheet HTML 2Page - Cypress Semiconductor CY24212-3 Datasheet HTML 3Page - Cypress Semiconductor CY24212-3 Datasheet HTML 4Page - Cypress Semiconductor CY24212-3 Datasheet HTML 5Page - Cypress Semiconductor CY24212-3 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MediaClock™
MPEG Clock Generator with VCXO
CY24212
PRELIMINARY
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Document #: 38-07402 Rev. *B
Revised February 18, 2003
Features
Benefits
• Integrated phase-locked loop (PLL)
Highest-performance PLL tailored for multimedia applications
• Low jitter, high-accuracy outputs
Meets critical timing requirements in complex system designs
• VCXO with analog adjust
Large ±150-ppm range, better linearity
• 3.3V operation
Enables application compatibility
Part Number
Outputs
Input Frequency Range
Output Frequencies
CY24212-1
1
13.5 MHz/27 MHz (selectable)
27 MHz
CY24212-2
2
13.5 MHz/27 MHz (selectable)
Two copies of 27 MHz
CY24212-3
2
27 MHz
27 MHz/27.027 MHz (-1 ppm)
CY24212-5
2
27 MHz
27 MHz/27.027 MHz (0 ppm)
Table 1. CY24212 (-1, -2) Frequency Select Option
FSEL
Reference
CLKA/CLKB
0
13.5 MHz
27 MHz
1
27 MHz
27 MHz
Table 2. CY24212 (-3, -5) Frequency Select Option
FSEL
Reference
CLKA
CLKB
0
27 MHz
27 MHz
27 MHz
1
27 MHz
27 MHz
27.027 MHz
Logic Block Diagram
XOUT
OUTPUT
DIVIDERS
PLL
OSC
VCXO
Q
P
VCO
VDD
VSS
Φ
CLKA (27 MHz)
XIN
FSEL
27 MHz (-2)
27/27.027 MHz (-3)
8-pin SOIC
CY24212-1
Pin Configurations
1
2
3
4
XOUT
XIN
VCXO
CLKA 27 MHz
VSS
VSS
FSEL
5
6
7
8
VDD
8-pin SOIC
CY24212-2
1
2
3
4
XOUT
XIN
VCXO
CLKA 27 MHz
VSS
CLKB 27 MHz
FSEL
5
6
7
8
VDD
8-pin SOIC
CY24212-3,-5
1
2
3
4
XOUT
XIN
VCXO
CLKA 27 MHz
VSS
CLKB (27/27.027 MHz)
FSEL
5
6
7
8
VDD


Similar Part No. - CY24212-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24212 CYPRESS-CY24212 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212SC-1 CYPRESS-CY24212SC-1 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212SC-1T CYPRESS-CY24212SC-1T Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212SC-2 CYPRESS-CY24212SC-2 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212SC-2T CYPRESS-CY24212SC-2T Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
More results

Similar Description - CY24212-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-02 CYPRESS-CY241V08A-02 Datasheet
129Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-01 CYPRESS-CY241V08A-01 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com