Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1352F-133AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1352F-133AI
Description  4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352F-133AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1352F-133AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1352F-133AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY7C1352F
Document #: 38-05211 Rev. *C
Page 3 of 13
Pin Definitions
Name
TQFP
I/O
Description
A0, A1, A
37,36,32,
33,34,35,
44,45,46,
47,48,49,
50,80,81,
82,99,100
Input-
Synchronous
Address Inputs used to select one of the 256K address locations. Sampled
at the rising edge of the CLK. A[1:0] are fed to the two-bit burst counter.
BW[A:B]
93,94
Input-
Synchronous
Byte Write Inputs, active LOW. Qualified with WE to conduct writes to the
SRAM. Sampled on the rising edge of CLK.
WE
88
Input-
Synchronous
Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN is
active LOW. This signal must be asserted LOW to initiate a write sequence.
ADV/LD
85
Input-
Synchronous
Advance/Load Input. Used to advance the on-chip address counter or load a
new address. When HIGH (and CEN is asserted LOW) the internal burst counter
is advanced. When LOW, a new address can be loaded into the device for an
access. After being deselected, ADV/LD should be driven LOW in order to load
a new address.
CLK
89
Input-Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is
qualified with CEN. CLK is only recognized if CEN is active LOW.
CE1
98
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3 to select/deselect the device.
CE2
97
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used
in conjunction with CE1 and CE3 to select/deselect the device.
CE3
92
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.
OE
86
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Combined with the
synchronous logic block inside the device to control the direction of the I/O pins.
When LOW, the DQ pins are allowed to behave as outputs. When deasserted
HIGH, DQ pins are three-stated, and act as input data pins. OE is masked during
the data portion of a write sequence, during the first clock when emerging from
a deselected state, when the device has been deselected.
CEN
87
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the Clock signal is
recognized by the SRAM. When deasserted HIGH the Clock signal is masked.
Since deasserting CEN does not deselect the device, CEN can be used to extend
the previous cycle when required.
ZZ
64
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non-time-critical
“sleep” condition with data integrity preserved. For normal operation, this pin has
to be LOW or left floating. ZZ pin has an internal pull-down.
DQs
58,59,62,
63,68,69,
72,73,
8,9,12,13,
18,19,22,
23
I/O-
Synchronous
Bidirectional Data I/O Lines. As inputs, they feed into an on-chip data register
that is triggered by the rising edge of CLK. As outputs, they deliver the data
contained in the memory location specified by the address during the clock rise
of the read cycle. The direction of the pins is controlled by OE and the internal
control logic. When OE is asserted LOW, the pins can behave as outputs. When
HIGH, DQs and DQP[A:B] are placed in a three-state condition. The outputs are
automatically three-stated during the data portion of a write sequence, during the
first clock when emerging from a deselected state, and when the device is
deselected, regardless of the state of OE.
DQP[A:B]
74,24
I/O-
Synchronous
Bidirectional Data Parity I/O Lines. Functionally, these signals are identical to
DQs. During write sequences, DQP[A:B] is controlled by BW[A:B] correspondingly.
MODE
31
Input
Strap pin
Mode Input. Selects the burst order of the device.
When tied to Gnd selects linear burst sequence. When tied to VDD or left floating
selects interleaved burst sequence.
VDD
15,41,65,
91
Power Supply
Power supply inputs to the core of the device.
VDDQ
4,11,20,27,54,6
1,70, 77
I/O Power
Supply
Power supply for the I/O circuitry.


Similar Part No. - CY7C1352F-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-100AC CYPRESS-CY7C1352-100AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-133AC CYPRESS-CY7C1352-133AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-143AC CYPRESS-CY7C1352-143AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-80AC CYPRESS-CY7C1352-80AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1352F-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com