Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576HVS-15 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2576HVS-15
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2576HVS-15 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2576HVS-15 Datasheet HTML 6Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 7Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 8Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 9Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 10Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 11Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 12Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 13Page - National Semiconductor (TI) LM2576HVS-15 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Test Circuit and Layout Guidelines
As in any switching regulator, layout is very important. Rap-
idly switching currents associated with wiring inductance
generate voltage transients which can cause problems. For
minimal inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
Single-point grounding (as indicated) or ground plane con-
struction should be used for best results. When using the
Adjustable version, physically locate the programming resis-
tors near the regulator, to keep the sensitive feedback wiring
short.
Fixed Output Voltage Versions
01147607
CIN — 100 µF, 75V, Aluminum Electrolytic
COUT — 1000 µF, 25V, Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 100 µH, Pulse Eng. PE-92108
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Adjustable Output Voltage Version
01147608
where VREF = 1.23V, R1 between 1k and 5k.
FIGURE 2.
www.national.com
10


Similar Part No. - LM2576HVS-15

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM2576HVS-15 TGS-LM2576HVS-15 Datasheet
4Mb / 8P
   regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
logo
ARTSCHIP ELECTRONICS CO...
LM2576HVS-15 ARTSCHIP-LM2576HVS-15 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2576HVS-15 UMW-LM2576HVS-15 Datasheet
2Mb / 10P
   IC REG BUCK 3A TO263-5L
logo
TECH PUBLIC Electronics...
LM2576HVS-15 TECHPUBLIC-LM2576HVS-15 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-15 TECHPUBLIC-LM2576HVS-15 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
More results

Similar Description - LM2576HVS-15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com