Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1558 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1558
Description  Watchdog Clock with NV RAM Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1558 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1558 Datasheet HTML 1Page - Dallas Semiconductor DS1558 Datasheet HTML 2Page - Dallas Semiconductor DS1558 Datasheet HTML 3Page - Dallas Semiconductor DS1558 Datasheet HTML 4Page - Dallas Semiconductor DS1558 Datasheet HTML 5Page - Dallas Semiconductor DS1558 Datasheet HTML 6Page - Dallas Semiconductor DS1558 Datasheet HTML 7Page - Dallas Semiconductor DS1558 Datasheet HTML 8Page - Dallas Semiconductor DS1558 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS1558
4 of 18
CER
– Chip-enable RAM output. CE is passed through to CER , with an added propagation delay. When
the signals on A0–A18 match an RTC address, CER is held high, disabling the SRAM. If OE is also low,
the RTC outputs data on DQ0–DQ7.
OE
– Output-enable input that is used to access the RTC and the external SRAM.
OER
– Output-enable RAM output. OE is passed through to OER , with an added propagation delay.
When the signals on A0–A18 match an RTC address, CER is held high, disabling the SRAM. If CE is
also low, the RTC outputs data on DQ0–DQ7.
WE
– Write-enable input that is used to write data to the RTC registers.
VCC, GND – DC power is provided to the device on these pins. VCC is the +5V input. When 5V (or 3.3V
for the 3.3V version) is applied within normal limits, the device is fully accessible and data can be written
and read. Reads and writes are inhibited when a 3V battery is connected to the device and VCC is VTP.
However, the timekeeping function continues unaffected by the lower input voltage. As VCC falls below
VBAT, the RAM and RTC are switched over to the external power supply (nominal 3.0V DC) at VBAT.
VCCO – VCC output to RAM. While VCC is above VBAT, the external SRAM is powered by VCC. When
VCC is below the battery level, the SRAM is powered by one of the VBAT inputs.
N.C. – No internal connection.
X1, X2 – Connections for a standard 32.768kHz quartz crystal. The internal oscillator circuitry is
designed for operation with a crystal having a specified load capacitance (CL) of 6pF. For more
information about crystal selection and crystal layout considerations, refer to Application Note 58
“Crystal Considerations with Dallas Real-Time Clocks.” The DS1558 can also be driven by an external
32.768kHz oscillator. In this configuration, the X1 pin is connected to the external oscillator signal and
the X2 pin is floated.
VBAT1, VBAT2 – Battery inputs for any standard 3V lithium cell or other energy source. Battery voltage
must be held between 2.5V and 3.7V for proper operation. UL recognized to ensure against reverse
charging current when used with a lithium battery. If only one battery is used, it should be attached to
VBAT1, and VBAT2 should be grounded.
See “Conditions of Acceptability” at http://www.maxim-ic.com/TechSupport/QA/ntrl.htm.


Similar Part No. - DS1558

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558B MAXIM-DS1558B Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558D MAXIM-DS1558D Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558W MAXIM-DS1558W Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558W++ MAXIM-DS1558W+ Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
More results

Similar Description - DS1558

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com