Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1558Y Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1558Y
Description  Watchdog Clock with NV RAM Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1558Y Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1558Y Datasheet HTML 5Page - Dallas Semiconductor DS1558Y Datasheet HTML 6Page - Dallas Semiconductor DS1558Y Datasheet HTML 7Page - Dallas Semiconductor DS1558Y Datasheet HTML 8Page - Dallas Semiconductor DS1558Y Datasheet HTML 9Page - Dallas Semiconductor DS1558Y Datasheet HTML 10Page - Dallas Semiconductor DS1558Y Datasheet HTML 11Page - Dallas Semiconductor DS1558Y Datasheet HTML 12Page - Dallas Semiconductor DS1558Y Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS1558
9 of 18
Table 3. ALARM MASK BITS
AM4
AM3
AM2
AM1
ALARM RATE
1
1
1
1
Once per second
1
1
1
0
When seconds match
1
1
0
0
When minutes and seconds match
1
0
0
0
When hours, minutes, and seconds match
0
0
0
0
When date, hours, minutes, and seconds match
When the RTC register values match alarm register settings, AF is set to a 1. If AE is also set to a 1, the
alarm condition activates the IRQ /FT pin. The IRQ /FT signal is cleared by a read or write to the flags
register (address 7FFF0h). When CE is active, the IRQ /FT signal can be cleared by having the address
stable for as short as 15ns and either OE or WE active, but is not guaranteed to be cleared unless tRC is
fulfilled (Figure 2). Once the address has been selected for at least 15ns, the IRQ /FT signal can be cleared
immediately, but is not guaranteed to be cleared until tRC is fulfilled (Figure 3). The alarm flag is also
cleared by a read or write to the flags register, but the flag does not change states until the end of the
read/write cycle and the IRQ /FT signal has been cleared.
The IRQ /FT pin can also be activated in the battery-backed mode. The IRQ /FT goes low if an alarm
occurs and both ABE and AE are set. The ABE and AE bits are cleared during the power-up transition,
but an alarm generated during power-up sets AF. Therefore, the AF bit can be read after system power-up
to determine if an alarm was generated during the power-up sequence. Figure 4 illustrates alarm timing
during the backup-battery mode and power-up states.
Figure 2. CLEARING IRQ WAVEFORMS ACTIVE
Figure 3. CLEARING IRQ WAVEFORMS


Similar Part No. - DS1558Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558Y MAXIM-DS1558Y Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558Y++ MAXIM-DS1558Y+ Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558Y+TRL MAXIM-DS1558Y+TRL Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558Y-TRL MAXIM-DS1558Y-TRL Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
More results

Similar Description - DS1558Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com