Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-1021 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD-1021
Description  Stepper Motor with Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-1021 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD-1021 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PD-1021 V1.2 Hardware Manual (Rev. 1.01 / 2013-JUL-23)
11
www.trinamic.com
3.3.2 Motor Connector
A 4-pin CVIlux CI0104P1VK0-LF 2mm pitch single row connector is used for connecting the four motor
wires to the electronics.
Pin
Label
Direction
Description
1
OB2
Output
Pin 2 of motor coil B
2
OB1
Output
Pin 1 of motor coil B
3
OA2
Output
Pin 2 of motor coil A
4
OA1
Output
Pin 1 of motor coil A
Table 3.4 Motor connector
PD-1021
QSH2818 Motor
Motor connector pin Cable colour
Coil
Description
1
Blue
B-
Motor coil B pin 2
2
Red
B
Motor coil B pin 1
3
Green
A-
Motor coil A pin 2
4
Black
A
Motor coil A pin 1
CAUTION!
Keep the electronics free of (metal) particles!
The integrated sensOstep™ encoder uses a magnet at the end of the motor axis in order
to monitor position. The magnet naturally attracts especially tiny metal particles. These
particles might be held on the top side of the PCB and even worse – start moving in
accordance with the rotating magnetic field as soon as the motor starts moving. This
might lead to shorts of electronic contacts / wires on the board and totally erratic
behavior of the module! Use compressed air for cleaning the module if necessary.
M
black
green
A


Similar Part No. - PD-1021

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
   Supply Voltage 9 to 24V DC
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-109 TRINAMIC-PD-109 Datasheet
196Kb / 2P
   Schrittmotorsystem: dynamisch & intelligent
PD-109 TRINAMIC-PD-109 Datasheet
186Kb / 2P
   High power stepper motor motion system
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
More results

Similar Description - PD-1021

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
PD-1160 TRINAMIC-PD-1160 Datasheet
424Kb / 1P
   Stepper Motor with Controller
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com