Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-1070-CABLE Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1070-CABLE
Description  Step and direction interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1070-CABLE Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1070-CABLE Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1070-CABLE Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TMCM-1070HardwareManual•HardwareVersionV1.00|DocumentRevisionV1.00• 2016-Sept-16
7/23
3 Mechanical and Electrical Interfacing
3.1 TMCM-1070 Dimensions and Weight
ThedimensionsoftheTMCM-1070areapproximately42mmx42mmx12mm. Therearetwomounting
holes for M3 screws for mounting the TMCM-1070 to a NEMA17 stepper motor (screw/thread length
dependsonmotorsize).
42mm
Figure 5: TMCM-1070 top view mechanical dimensions
OrderCode Linmm Weighting
TMCM-1070 12
±
0,2
32
Table 3: TMCM-1070 length and weight
©2016TRINAMICMotionControlGmbH&Co. KG,Hamburg,Germany
Termsofdeliveryandrightstotechnicalchangereserved.
Downloadnewestversionatwww.trinamic.com
Readentiredocumentation.


Similar Part No. - TMCM-1070-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-100 TRINAMIC-TMCM-100 Datasheet
474Kb / 1P
   Evaluation Base board for TMCM-100, TMCM-301, TMCM-302 or TMCM-303
TMCM-101 TRINAMIC-TMCM-101 Datasheet
680Kb / 1P
   1-Axis Controller/Driver 3A/28.5V with Encoder Inf
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-102-IF TRINAMIC-TMCM-102-IF Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
More results

Similar Description - TMCM-1070-CABLE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
   Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
logo
TRINAMIC Motion Control...
TMC401 TRINAMIC-TMC401 Datasheet
450Kb / 1P
   Step/Direction to SPI converter
logo
Bourns Electronic Solut...
EMS22D BOURNS-EMS22D_14 Datasheet
359Kb / 5P
   Non-Contacting Direction/Step Encoder
logo
TRINAMIC Motion Control...
TMCM-342 TRINAMIC-TMCM-342 Datasheet
453Kb / 1P
   3-Axis Step/Direction Controller
logo
Bourns Electronic Solut...
EMS22D BOURNS-EMS22D Datasheet
331Kb / 4P
   Non-Contacting Direction/Step Encoder
logo
TRINAMIC Motion Control...
TMCM-302 TRINAMIC-TMCM-302 Datasheet
442Kb / 1P
   3-Axis Step/Direction Controller
TMC2100-LA TRINAMIC-TMC2100-LA Datasheet
1Mb / 46P
   Standalone intelligent Step/Direction driver
TMCM-023 TRINAMIC-TMCM-023 Datasheet
468Kb / 1P
   3-Axis Step/Direction Driver 2A/28.5V
TMCM-078 TRINAMIC-TMCM-078 Datasheet
251Kb / 1P
   1-Axis Step/Direction Driver 7A/75V
logo
List of Unclassifed Man...
SONICWEATHERSTATION ETC2-SONICWEATHERSTATION Datasheet
86Kb / 2P
   Wind Speed and Direction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com