Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-1181-CABLE Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1181-CABLE
Description  1-axis Stepper Controller / Driver up to 6.5 RMS / 24V DC USB, RS485
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1181-CABLE Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-1181-CABLE Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1181-CABLE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TMCM-1181 V3.0 Hardware Manual (Rev. 0.90 / 2015-JUL-10)
4
www.trinamic.com
TRINAMICS UNIQUE FEATURES – EASY TO USE WITH TMCL
stallGuard2™ stallGuard2 is a high-precision sensorless load measurement using the back EMF on the
coils. It can be used for stall detection as well as other uses at loads below those which
stall the motor. The stallGuard2 measurement value changes linearly over a wide range
of load, velocity, and current settings. At maximum motor load, the value goes to zero or
near to zero. This is the most energy-efficient point of operation for the motor.
Load
[Nm]
stallGuard2
Initial stallGuard2
(SG) value: 100%
Max. load
stallGuard2 (SG) value: 0
Maximum load reached.
Motor close to stall.
Motor stalls
Figure 1.1 stallGuard2 load measurement SG as a function of load
coolStep™
coolStep is a load-adaptive automatic current scaling based on the load measurement via
stallGuard2 adapting the required current to the load. Energy consumption can be
reduced by as much as 75%. coolStep allows substantial energy savings, especially for
motors which see varying loads or operate at a high duty cycle. Because a stepper motor
application needs to work with a torque reserve of 30% to 50%, even a constant-load
application allows significant energy savings because coolStep automatically enables
torque reserve when required. Reducing power consumption keeps the system cooler,
increases motor life, and allows reducing cost.
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0
50
100
150
200
250
300
350
Efficiency
Velocity [RPM]
Efficiency with coolStep
Efficiency with 50% torque reserve
Figure 1.2 Energy efficiency example with coolStep


Similar Part No. - TMCM-1181-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180-CABLE TRINAMIC-TMCM-1180-CABLE Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180-CANOPEN TRINAMIC-TMCM-1180-CANOPEN Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180-TMCL TRINAMIC-TMCM-1180-TMCL Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
More results

Similar Description - TMCM-1181-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3214 TRINAMIC-TMCM-3214 Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
logo
NHP Electrical Engineer...
UWP30RSEXXX NHP-UWP30RSEXXX Datasheet
580Kb / 2P
   MONITORING AND GATEWAY CONTROL 15-24V DC ETHERNET USB RS485
11 October 2022,
logo
Lin Eng. Inc.
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
   STEPPER DRIVER CONTROLLER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
   STEPPER DRIVER CONTROLLER
R525P LINENGINEERING-R525P Datasheet
618Kb / 5P
   STEPPER DRIVER CONTROLLER
logo
TRINAMIC Motion Control...
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
   1-Axis BLDC Controller/Driver 5A/48V
MONOPACK2 TRINAMIC-MONOPACK2 Datasheet
292Kb / 1P
   1-Axis Controller / Driver 3.5A / 48V withEncoderInf
logo
Adlink Technology Inc.
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
   Advanced 2-axis Servo & Stepper Motion Controller
logo
TRINAMIC Motion Control...
TMCM-111-56 TRINAMIC-TMCM-111-56 Datasheet
346Kb / 1P
   1-Axis Motor Mounted Controller/Driver 5.0A/36V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com