Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-3213-CoE Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-3213-CoE
Description  3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-3213-CoE Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-3213-CoE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3213-CoE Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TMCM-3212, TMCM-3213 Hardware Manual (V1.10 / 2016-AUG-24)
11
Copyright © 2015, 2016, TRINAMIC Motion Control GmbH & Co. KG
5.1.5 Output connector
The TMCM-3212 / TMCM-3213 offer four digital outputs (open-drain). The four outputs are available via one 8 pin Molex MicroFit™
connector (Molex part no. 43045-0812). Mating connector housing e.g. Molex 43025-0800, contacts Molex 43030-0007. Please note that
there are alternative options available from Molex for both, mating housing and contacts.
1
4
5
8
Pin
Label
Direction
Description
1
AOUT0
Output
Open-drain output
2
AOUT1
Output
Open-drain output
3
AOUT2
Output
Open-drain output
4
AOUT3
Output
Open-drain output
5
+48V_FUSE
Power output
Connected via fuse (polyfuse) to power supply input (+48V_LOGIC
supply input on power control connector). Max. output current
(together with all +48V_FUSE supply outputs on output connector:
500mA / polyfuse protected)
6
+48V_FUSE
Power output
Connected via fuse (polyfuse) to power supply input (+48V_LOGIC
supply input on power control connector). Max. output current
(together with all +48V_FUSE supply outputs on output connector:
500mA / polyfuse protected)
7
+48V_FUSE
Power output
Connected via fuse (polyfuse) to power supply input (+48V_LOGIC
supply input on power control connector). Max. output current
(together with all +48V_FUSE supply outputs on output connector:
500mA / polyfuse protected)
8
+48V_FUSE
Power output
Connected via fuse (polyfuse) to power supply input (+48V_LOGIC
supply input on power control connector). Max. output current
(together with all +48V_FUSE supply outputs on output connector:
500mA / polyfuse protected)
Table 5.4: Interface Brick: Output connector
5.2 TMCM-3213 Interface Brick
The interface brick of the TMCM-3213 offers EtherCAT™ and USB interfaces for communication, four general purpose analog inputs
(which can be used as digital inputs as well) and four open-drain outputs.
1
4
5
8
1
5
6
10
Output connector
OUT3
OUT2
3
4
OUT1
OUT0
1
2
+48V_FUSE
+48V_FUSE
7
8
+48V_FUSE
+48V_FUSE
5
6
Input connector
AIN2
AIN1
3
4
AIN0
+48V_FUSE
1
2
GND
GND
8
9
GND
GND
6
7
AIN3
5
GND
10
USB (MicroUSB)
connector
EtherCAT
connector (2x)
RX+
3
TX-
TX+
1
2
RX-
6
4
5
8
7
1
8
1
8
LINK
IN
LINK
OUT
Figure 5.3 TMCM-3213 interface brick


Similar Part No. - TMCM-3213-CoE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3214 TRINAMIC-TMCM-3214 Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3214-CANopen TRINAMIC-TMCM-3214-CANopen Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3214-TMCL TRINAMIC-TMCM-3214-TMCL Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3215-CoE TRINAMIC-TMCM-3215-CoE Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
More results

Similar Description - TMCM-3213-CoE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3214 TRINAMIC-TMCM-3214 Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3314 TRINAMIC-TMCM-3314 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-1181 TRINAMIC-TMCM-1181 Datasheet
530Kb / 18P
   1-axis Stepper Controller / Driver up to 6.5 RMS / 24V DC USB, RS485
TMCM-3312 TRINAMIC-TMCM-3312 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-6212 TRINAMIC-TMCM-6212 Datasheet
1Mb / 28P
   6-Axes Stepper Controller
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
logo
Lin Eng. Inc.
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
   STEPPER DRIVER CONTROLLER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
   STEPPER DRIVER CONTROLLER
R525P LINENGINEERING-R525P Datasheet
618Kb / 5P
   STEPPER DRIVER CONTROLLER
logo
TRINAMIC Motion Control...
TMCM-101 TRINAMIC-TMCM-101 Datasheet
680Kb / 1P
   1-Axis Controller/Driver 3A/28.5V with Encoder Inf
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com