Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-3215-CoE Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-3215-CoE
Description  3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-3215-CoE Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-3215-CoE Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3215-CoE Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MODULES FOR STEPPER MOTORS
MODULES
TRINAMIC Motion Control GmbH & Co. KG
Hamburg, Germany
www.trinamic.com
Hardware Version V 1.10
HARDWARE MANUAL
+
+
TMCM-3214
TMCM-3215
3-Axes
Stepper Controller / Driver
Up-to 6.5A RMS / 48V DC
Encoder / HOME / STOP inputs
4x analog / digital inputs
4x digital outputs
Brake chopper support
CAN, RS485, USB (TMCM-3214)
EtherCAT™, USB (TMCM-3215)
+
+


Similar Part No. - TMCM-3215-CoE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3212-CANopen TRINAMIC-TMCM-3212-CANopen Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3212-TMCL TRINAMIC-TMCM-3212-TMCL Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3213-CoE TRINAMIC-TMCM-3213-CoE Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
More results

Similar Description - TMCM-3215-CoE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3314 TRINAMIC-TMCM-3314 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-1181 TRINAMIC-TMCM-1181 Datasheet
530Kb / 18P
   1-axis Stepper Controller / Driver up to 6.5 RMS / 24V DC USB, RS485
TMCM-3312 TRINAMIC-TMCM-3312 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-6212 TRINAMIC-TMCM-6212 Datasheet
1Mb / 28P
   6-Axes Stepper Controller
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
logo
Lin Eng. Inc.
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
   STEPPER DRIVER CONTROLLER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
   STEPPER DRIVER CONTROLLER
R525P LINENGINEERING-R525P Datasheet
618Kb / 5P
   STEPPER DRIVER CONTROLLER
logo
TRINAMIC Motion Control...
TMCM-101 TRINAMIC-TMCM-101 Datasheet
680Kb / 1P
   1-Axis Controller/Driver 3A/28.5V with Encoder Inf
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com