Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-3314 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-3314
Description  3-Axes Closed-Loop Stepper Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-3314 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-3314 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-3314 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TMCM-3314, TMCM-3315 Hardware Manual (V0.92 / 2016-SEP-20)
11
Copyright © 2016, TRINAMIC Motion Control GmbH & Co. KG
5.1.5 Outputs
The TMCM-3314 / TMCM-3315 offer four digital outputs (open-drain). The four outputs are available via one 8 pin
Molex MicroFit™ connector (Molex part no. 43045-0812). Mating connector housing e.g. Molex 43025-0800, contacts
Molex 43030-0007. Please note that there are alternative options available from Molex for both, mating housing
and contacts.
1
4
5
8
Pin
Label
Direction
Description
1
OUT0
Output
Open-drain output
2
OUT1
Output
Open-drain output
3
OUT2
Output
Open-drain output
4
OUT3
Output
Open-drain output
5
+5V_OUT
Power output
Connected to the on-board +5V auxiliary DC/DC converter.
All +5V_OUT power supply outputs together on the 3 REF
/ HOME, 3 Encoder connectors, Input connector and this
Output connector may draw up-to 1A (e.g. 100mA per
encoder and up-to 20mA per REF / HOME switch).
6
+5V_OUT
Power output
Connected to the on-board +5V auxiliary DC/DC converter.
All +5V_OUT power supply outputs together on the 3 REF
/ HOME, 3 Encoder connectors, Input connector and this
Output connector may draw up-to 1A (e.g. 100mA per
encoder and up-to 20mA per REF / HOME switch).
7
+5V_OUT
Power output
Connected to the on-board +5V auxiliary DC/DC converter.
All +5V_OUT power supply outputs together on the 3 REF
/ HOME, 3 Encoder connectors, Input connector and this
Output connector may draw up-to 1A (e.g. 100mA per
encoder and up-to 20mA per REF / HOME switch).
8
+5V_OUT
Power output
Connected to the on-board +5V auxiliary DC/DC converter.
All +5V_OUT power supply outputs together on the 3 REF
/ HOME, 3 Encoder connectors, Input connector and this
Output connector may draw up-to 1A (e.g. 100mA per
encoder and up-to 20mA per REF / HOME switch).
Table 5.4: Interface Brick: Output connector
5.2 TMCM-3315 Interface Brick
The interface brick of the TMCM-3315 offers EtherCAT™ and USB interfaces for communication, four general
purpose analog inputs (which can be used as digital inputs as well) and four open-drain outputs.
1
4
5
8
1
5
6
10
Outputs
OUT3
OUT2
3
4
OUT1
OUT0
1
2
+5V_OUT
+5V_OUT
7
8
+5V_OUT
+5V_OUT
5
6
Inputs
AIN2
AIN1
3
4
AIN0
+5V_OUT
1
2
GND
GND
8
9
GND
GND
6
7
AIN3
5
GND
10
USB (MicroUSB)
EtherCAT (2x)
RX+
3
TX-
TX+
1
2
RX-
6
4
5
8
7
1
8
1
8
LINK
IN
LINK
OUT
Figure 5.3 TMCM-3315 interface brick


Similar Part No. - TMCM-3314

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3312 TRINAMIC-TMCM-3312 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-3312-CANopen TRINAMIC-TMCM-3312-CANopen Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-3312-TMCL TRINAMIC-TMCM-3312-TMCL Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-3313-CoE TRINAMIC-TMCM-3313-CoE Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
More results

Similar Description - TMCM-3314

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-3312 TRINAMIC-TMCM-3312 Datasheet
1Mb / 29P
   3-Axes Closed-Loop Stepper Controller
TMCM-6212 TRINAMIC-TMCM-6212 Datasheet
1Mb / 28P
   6-Axes Stepper Controller
logo
List of Unclassifed Man...
NEMA17 ETC-NEMA17 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
C5-01 ETC-C5-01 Datasheet
229Kb / 1P
   Open-Loop Stepper Motor Controller
logo
TRINAMIC Motion Control...
TMCM-3214 TRINAMIC-TMCM-3214 Datasheet
1Mb / 29P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
TMCM-3212 TRINAMIC-TMCM-3212 Datasheet
1Mb / 28P
   3-Axes Stepper Controller / Driver Up-to 3A RMS / 48V DC Encoder
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
International Rectifier
OMC506 IRF-OMC506 Datasheet
75Kb / 7P
   Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com